Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G79DCKR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
SN74AUP1G79DCKR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 24 page SN74AUP1G79 SCES592G – JULY 2004 – REVISED MAY 2010 www.ti.com SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 48 30 1.2 V ± 0.1 V 112 120 1.5 V ± 0.1 V 151 160 fmax MHz 1.8 V ± 0.15 V 194 220 2.5 V ± 0.2 V 248 250 3.3 V ± 0.3 V 280 260 0.8 V 20.3 1.2 V ± 0.1 V 5 8.7 13.6 3.9 15.6 1.5 V ± 0.1 V 4.1 6.3 9.3 3.1 10.7 tpd CLK Q ns 1.8 V ± 0.15 V 3.3 4 7.6 2.4 8.7 2.5 V ± 0.2 V 2.6 3.6 5.5 1.9 6.3 3.3 V ± 0.3 V 2.2 3 4.5 1.6 5 SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 24 20 1.2 V ± 0.1 V 72 80 1.5 V ± 0.1 V 100 100 fmax MHz 1.8 V ± 0.15 V 127 140 2.5 V ± 0.2 V 185 210 3.3 V ± 0.3 V 266 260 0.8 V 27.2 1.2 V ± 0.1 V 7 11.5 17.3 5.9 24 1.5 V ± 0.1 V 5.7 8.3 11.8 4.6 15.9 tpd CLK Q ns 1.8 V ± 0.15 V 4.7 6.7 9.6 3.8 13 2.5 V ± 0.2 V 3.7 4.9 7 2.9 9 3.3 V ± 0.3 V 3.2 4.1 5.8 2.6 7.2 OPERATING CHARACTERISTICS TA = 25°C PARAMETER TEST CONDITIONS VCC TYP UNIT 0.8 V 2.5 1.2 V ± 0.1 V 2.5 1.5 V ± 0.1 V 2.5 Cpd Power dissipation capacitance f = 10 MHz pF 1.8 V ± 0.15 V 2.5 2.5 V ± 0.2 V 3 3.3 V ± 0.3 V 3 8 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G79 |
Numéro de pièce similaire - SN74AUP1G79DCKR |
|
Description similaire - SN74AUP1G79DCKR |