Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3671MF-1.2 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM3671MF-1.2
Description  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671MF-1.2 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3671MF-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM3671MF-1.2 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW, EN Pin:
(GND−0.2V) to
(V
IN + 0.2V)
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
(Soldering, 10 sec.)
260°C
ESD Rating (Note 4)
Human Body Model
2 kV
Machine Model
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range (Note 10)
2.7V to 5.5V
Recommended Load Current
0mA to 600 mA
Junction Temperature (T
J) Range
−30°C to +125°C
Ambient Temperature (T
A) Range (Note
5)
−30°C to +85°C
Thermal Properties
Junction-to-Ambient Thermal
Resistance (
θ
JA) (SOT23-5) for 4
layer board (Note 6)
130°C/W
Junction-to-Ambient Thermal
Resistance (
θ
JA) (Micro SMD) for 4
layer board (Note 6)
85°C/W
Junction-to-Ambient Thermal
Resistance (
θ
JA) (COL) for 4 layer
board (Note 6)
165°C/W
Electrical Characteristics (Notes 2, 8, 9) Limits in standard typeface are for T
J = 25°C. Limits in boldface type
apply over the full operating ambient temperature range (−30°C
T
A +85°C). Unless otherwise noted, specifications apply to
the LM3671MF/TL/LC with V
IN = EN = 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Input Voltage
(Note 10)
2.7
5.5
V
V
FB
Feedback Voltage (Fixed) MF
PWM mode (Note 12)
-4
+4
%
Feedback Voltage (Fixed) TL
-2.5
+2.5
Feedback Voltage (Fixed) LC
-4
+4
Feedback Voltage (ADJ) MF
(Note 11)
PWM mode (Note 12)
-4
+4
%
Feedback Voltage (ADJ) TL
-2.5
+2.5
Line Regulation
2.7V
V
IN 5.5V
I
O = 10 mA
0.031
%/V
Load Regulation
100 mA
I
O 600 mA
V
IN= 3.6V
0.0013
%/mA
V
REF
Internal Reference Voltage
0.5
V
I
SHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
I
Q
DC Bias Current into V
IN
No load, device is not switching (FB
forced higher than programmed
output voltage)
16
35
µA
R
DSON (P)
Pin-Pin Resistance for PFET
V
IN= VGS= 3.6V
380
500
m
R
DSON (N)
Pin-Pin Resistance for NFET
V
IN= VGS= 3.6V
250
400
m
I
LIM
Switch Peak Current Limit
Open Loop (Note 7)
830
1020
1150
mA
V
IH
Logic High Input
1.0
V
V
IL
Logic Low Input
0.4
V
I
EN
Enable (EN) Input Current
0.01
1
µA
F
OSC
Internal Oscillator Frequency
PWM Mode (Note 12)
1.6
2
2.6
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see
the Electrical Characteristics tables.
www.national.com
6


Numéro de pièce similaire - LM3671MF-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-1.2 TI1-LM3671MF-1.2 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2 TI1-LM3671MF-1.2 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2/NOPB TI1-LM3671MF-1.2/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Description similaire - LM3671MF-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com