Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL2575HV-15IKTTRG3 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TL2575HV-15IKTTRG3
Description  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV-15IKTTRG3 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TL2575HV-15IKTTRG3 Datasheet HTML 5Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 6Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 7Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 8Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 9Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 10Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 11Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 12Page - Texas Instruments TL2575HV-15IKTTRG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
TEST CIRCUITS
TL2575-xx
Fixed Output
CIN
100
µF
+
+VIN
1
3
GND
5
D1
2
L1
330
µH
COUT
330
µF
+
4
L
O
A
D
VOUT
VIN
Unregulated
DC Input
CIN = 100 µF, Aluminum Electrolytic
COUT = 330 µF, Aluminum Electrolytic
D1 = Schottky
L1 = 330
µH (for 5-V VIN with 3.3-V VOUT, use 100 mH)
Fixed-Output Voltage
TL2575
(ADJ)
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
11DQ06
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
L
O
A
D
VOUT
7-V to 40-V
Unregulated
DC Input
Adjustable-Output Voltage
VOUT = VREF(1 + R2/R1) = 5 V
VREF = 1.23 V
R1 = 2 kW
R2 = 6.12 kW
R2
R1
ON/OFF
OUTPUT
FEEDBACK
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
A.
Pin numbers are for the KTT (TO-263) package.
Figure 2. Test Circuits and Layout Guidelines
9
Submit Documentation Feedback


Numéro de pièce similaire - TL2575HV-15IKTTRG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL2575HV-15IKTTRG3 TI-TL2575HV-15IKTTRG3 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

Description similaire - TL2575HV-15IKTTRG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com