Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7728SRTQT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC7728SRTQT
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC7728SRTQT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DAC7728SRTQT Datasheet HTML 6Page - Texas Instruments DAC7728SRTQT Datasheet HTML 7Page - Texas Instruments DAC7728SRTQT Datasheet HTML 8Page - Texas Instruments DAC7728SRTQT Datasheet HTML 9Page - Texas Instruments DAC7728SRTQT Datasheet HTML 10Page - Texas Instruments DAC7728SRTQT Datasheet HTML 11Page - Texas Instruments DAC7728SRTQT Datasheet HTML 12Page - Texas Instruments DAC7728SRTQT Datasheet HTML 13Page - Texas Instruments DAC7728SRTQT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NC
NC
NC
NC
V
-4
REF-B
V
-5
AV
AGND-B
V
-6
AV
OFFSET-B
V
-7
NC
RSTSEL
GPIO
OUT
OUT
DD
OUT
SS
OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D9
D10
D11
V
V
-3
REF-A
V
-2
AV
AGND-A
V
-1
AV
OFFSET-A
V
-0
NC
/BTC
USB
BUSY
MON
OUT
OUT
DD
OUT
SS
OUT
DAC7728
D9
D10
D11
V
V
-3
REF-A
V
-2
AV
AGND-A
V
-1
AV
OFFSET-A
V
-0
/BTC
USB
MON
OUT
OUT
DD
OUT
SS
OUT
NC
NC
NC
NC
NC
V
-4
REF-B
V
-5
AV
AGND-B
V
-6
AV
OFFSET-B
V
-7
OUT
DD
SS
OUT
OUT
OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
DAC7728
SBAS461A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
PIN CONFIGURATIONS
PAG PACKAGE
RTQ PACKAGE
TQFP-64
QFN-56
(TOP VIEW)
(TOP VIEW)
(1)
The thermal pad is internally connected to
the substrate. This pad can be connected
to AVSS or left floating. Keep the thermal
pad separate from the digital ground, if
possible.
PIN DESCRIPTIONS
PIN NO.
PIN
NAME
QFN-56
TQFP-64
I/O
DESCRIPTION
D9
1
1
I/O
Data bit 9
D10
2
2
I/O
Data bit 10
D11
3
3
I/O
Data bit 11
Analog monitor output. This pin is either in Hi-Z status, or connected to one of the DAC outputs,
VMON
4
4
O
reference buffer outputs, or offset DAC outputs, depending on the content of the Monitor Register.
VOUT-3
5
5
O
DAC-3 output
REF-A
6
6
I
Group A(1) reference input
VOUT-2
7
7
O
DAC-2 output
AVDD
8
8
I
Positive analog power supply
AGND-A
9
9
I
Group A(1) analog ground and the ground of REF-A. This pin must be tied to AGND-B and DGND.
VOUT-1
10
10
O
DAC-1 output
AVSS
11
11
I
Negative analog power supply. Connect to AGND in single-supply operation.
OFFSET DAC-A analog output. Must be connected to AGND-A during single power-supply operation
OFFSET-A
12
12
O
(AVSS = 0V). This pin is not intended to drive an external load.
VOUT-0
13
13
O
DAC-0 output
Input data format selection. Input data are in straight binary format when connected to DGND or in
USB/BTC
14
15
I
twos complement format when connected to IOVDD. Command data are always in straight binary
format.
This pin is an open drain and requires an external pullup resistor. BUSY goes low when the correction
BUSY
15
16
O
engine is running; see the Busy Pin section for details.
Level trigger. When the CLR pin is logic '0', all VOUT-X pins connect to AGND-x through switches and
CLR
16
17
I
an internal 15k
Ω resistor. When the CLR pin is logic '1' and LDAC is logic '0', all VOUT-X pins connect
to the amplifier outputs.
(1)
Group A consists of DAC-0, DAC-1, DAC-2, and DAC-3. Group B consists of DAC-4, DAC-5, DAC-6, and DAC-7.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7728


Numéro de pièce similaire - DAC7728SRTQT

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724N BURR-BROWN-DAC7724N Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724N TI1-DAC7724N Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724N/750 TI1-DAC7724N/750 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC7728SRTQT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8228 TI1-DAC8228 Datasheet
1Mb / 55P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
logo
Texas Instruments
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com