Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL061BCD Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TL061BCD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL061BCD Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TL061BCD Datasheet HTML 7Page - Texas Instruments TL061BCD Datasheet HTML 8Page - Texas Instruments TL061BCD Datasheet HTML 9Page - Texas Instruments TL061BCD Datasheet HTML 10Page - Texas Instruments TL061BCD Datasheet HTML 11Page - Texas Instruments TL061BCD Datasheet HTML 12Page - Texas Instruments TL061BCD Datasheet HTML 13Page - Texas Instruments TL061BCD Datasheet HTML 14Page - Texas Instruments TL061BCD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TL061, TL061A, TL061B, TL062, TL062A
TL062B, TL064, TL064A, TL064B
LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
0
0
|VCC±| − Supply Voltage − V
±2.5
±5
±7.5
±10
±12.5
±15
246
8
10
12
14
16
RL = 10 kΩ
TA = 25°C
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 5
−75
0
TA − Free-Air Temperature − °C
±2.5
±5
±7.5
±10
±12.5
±15
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
RL = 10 kΩ
See Figure 2
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
Figure 6
See Figure 2
TA = 25°C
VCC± = ±15 V
0
100
RL − Load Resistance − Ω
1 k
10 k
±2.5
±5
±7.5
±10
±12.5
±15
200
400
700
2 k
4 k
7 k
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC± = ±12 V
VCC± = ±5 V
f − Frequency − Hz
1 k
0
10 k
100 k
1 M
10 M
±2.5
±5
±7.5
±10
±12.5
±15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
RL = 10 kΩ
TA = 25°C
See Figure 2
VCC
± = ±15 V
Figure 7
† Data at high and low temperatures are applicable only within the specified operating free-air temperature ranges of the various devices.


Numéro de pièce similaire - TL061BCD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL061BCD TI-TL061BCD Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061BCD TI-TL061BCD Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061BCD STMICROELECTRONICS-TL061BCD Datasheet
315Kb / 14P
   LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL061BCD TI-TL061BCD Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061BCD TI1-TL061BCD Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
More results

Description similaire - TL061BCD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI1-TL061 Datasheet
2Mb / 52P
[Old version datasheet]   Low-Power JFET-Input Operational Amplifiers
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com