Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBYG10GG Fiches technique(PDF) 1 Page - Gulf Semiconductor

No de pièce SBYG10GG
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SBYG10GG Fiches technique(HTML) 1 Page - Gulf Semiconductor

  SBYG10GG Datasheet HTML 1Page - Gulf Semiconductor SBYG10GG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A2
www.gulfsemi.com
SBYG10DG THRU SBYG10MG
SURFACE MOUNT FAST
SWITCHING RECTIFIER
VOLTAGE:
:200V to 1000V
CURRENT:
: 1.5A
FEATURE
SMA/
/DO-214AC
For surface mounted application
High surge current capability
Glass passivated chip
High temperature soldering guaranteed
260℃/10sec/at terminals
MECHANICAL DATA
Terminal:Plated Terminal, solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 class V-0 recognized
Flame Retardant Epoxy
Polarity:color band denotes cathode end
Marking: G10D G10G G10J G10K G10M
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single—phase, half —wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
SBYG10
DG
SBYG10
GG
SBYG10
JG
SBYG10
KG
SBYG10
MG
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
If(av)
1.5
A
Peak Forward Surge Current 10ms single half sine-
wave superimposed on rated load
Ifsm
30
A
Maximum Forward Voltage at rated Forward current
Ta =25℃
Vf
1.15
V
Pulse energy in avalanche mode, non repetitive
(inductive load switch off) at I(BR)R=1A
Er
20
mJ
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
1.0
40.0
µ
A
Typical Thermal Resistance
(Note 1)
(Note 2)
Rth(jl)
Rth(ja)
25
150
K/W
Operating and Storage Temperature Range
Tj, Tstg
-50 to +150
Note:
1. TL=const
2. mounted on epoxy-glass hard tissue


Numéro de pièce similaire - SBYG10GG

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
SBYG20DG GULFSEMI-SBYG20DG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20GG GULFSEMI-SBYG20GG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20JG GULFSEMI-SBYG20JG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG23MG GULFSEMI-SBYG23MG Datasheet
122Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?.5A
More results

Description similaire - SBYG10GG

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
GR2A GULFSEMI-GR2A Datasheet
203Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
GU1A GULFSEMI-GU1A Datasheet
233Kb / 3P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com