Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CBTLV3126PWR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74CBTLV3126PWR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 18 page SN74CBTLV3126 LOW VOLTAGE QUADRUPLE FET BUS SWITCH SCDS038I − DECEMBER 1997 − REVISED OCTOBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 4.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous channel current 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI/O < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 2): DBQ package 90 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 2): DGV package 127 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 2): PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (see Note 3): RGY package 47 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. 3. The package thermal impedance is calculated in accordance with JESD 51-5. recommended operating conditions (see Note 4) MIN MAX UNIT VCC Supply voltage 2.3 3.6 V VIH High-level control input voltage VCC = 2.3 V to 2.7 V 1.7 V VIH High-level control input voltage VCC = 2.7 V to 3.6 V 2 V VIL Low-level control input voltage VCC = 2.3 V to 2.7 V 0.7 V VIL Low-level control input voltage VCC = 2.7 V to 3.6 V 0.8 V TA Operating free-air temperature −40 85 °C NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT VIK VCC = 3 V, II = −18 mA −1.2 V II VCC = 3.6 V, VI = VCC or GND ±1 µA Ioff VCC = 0, VI or VO = 0 to 3.6 V 10 µA ICC VCC = 3.6 V, IO = 0, VI = VCC or GND 10 µA ∆ICC§ Control inputs VCC = 3.6 V, One input at 3 V, Other inputs at VCC or GND 300 µA Ci Control inputs VI = 3 V or 0 2.5 pF Cio(OFF) VO = 3 V or 0, OE = GND 7 pF VCC = 2.3 V, VI = 0 II = 64 mA 5 8 VCC = 2.3 V, TYP at VCC = 2.5 V VI = 0 II = 24 mA 5 8 ron¶ TYP at VCC = 2.5 V VI = 1.7 V, II = 15 mA 27 40 Ω ron¶ VI = 0 II = 64 mA 5 7 Ω VCC = 3 V VI = 0 II = 24 mA 5 7 VCC = 3 V VI = 2.4 V, II = 15 mA 10 15 ‡ All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. § This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND. ¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B) terminals. |
Numéro de pièce similaire - SN74CBTLV3126PWR |
|
Description similaire - SN74CBTLV3126PWR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |