Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB180 Fiches technique(PDF) 2 Page - Gulf Semiconductor

No de pièce SB180
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB180 Fiches technique(HTML) 2 Page - Gulf Semiconductor

  SB180 Datasheet HTML 1Page - Gulf Semiconductor SB180 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB180 THRU SB1100
2 Rev.A5
www.gulfsemi.com


Numéro de pièce similaire - SB180

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Tak Cheong Electronics ...
SB180 TAK_CHEONG-SB180 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Guangdong Kexin Industr...
SB180 KEXIN-SB180 Datasheet
797Kb / 2P
   Schottky Diodes
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB180

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Gulf Semiconductor
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
SB180-E-41C GULFSEMI-SB180-E-41C Datasheet
146Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80V CURRENT: 1.0A
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
SB370 GULFSEMI-SB370 Datasheet
224Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com