Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM26LV31EIPWR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM26LV31EIPWR
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31EIPWR Fiches technique(HTML) 1 Page - Texas Instruments

  AM26LV31EIPWR Datasheet HTML 1Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 2Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 3Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 4Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 5Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 6Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 7Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 8Page - Texas Instruments AM26LV31EIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
D, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
4A
4Y
4Z
G
3Z
3Y
1Y
1Z
G
2Z
2Y
2A
DESCRIPTION/ORDERING INFORMATION
AM26LV31E
www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
WITH ±15-kV IEC ESD PROTECTION
• Meets or Exceeds Standards TIA/EIA-422-B
and ITU Recommendation V.11
• Operates From a Single 3.3-V Power Supply
• ESD Protection for RS422 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC61000-4-2, Contact Discharge
±15-kV IEC61000-4-2, Air-Gap Discharge
• Switching Rates up to 32 MHz
• Propagation Delay Time . . . 8 ns Typ
• Pulse Skew Time . . . 500 ps Typ
• High Output-Drive Current . . . ±30 mA
• Controlled Rise and Fall Times . . . 5 ns Typ
• Differential Output Voltage With 100-Ω
Load . . . 2.6 V Typ
• Accepts 5-V Logic Inputs With 3.3-V Supply
• I
off Supports Partial-Power-Down Mode
Operation
• Driver Output Short-Protection Circuit
• Glitch-Free Power-Up/Power-Down Protection
• Package Options: SOP, SOIC, TSSOP, QFN
The AM26LV31E is a quadruple differential line driver with 3-state outputs. This driver has ±15-kV ESD
(HBM and IEC61000-4-2, Air-Gap Discharge) and ±8-kV ESD (IEC61000-4-2, Contact Discharge) protection.
This device is designed to meet TIA/EIA-422-B and ITU Recommendation V.11 drivers with reduced supply
voltage.
The device is optimized for balanced-bus transmission at switching rates up to 32 MHz. The outputs have high
current capability for driving balanced lines, such as twisted-pair transmission lines, and provide a high
impedance in the power-off condition.
The AM26LV31EI is characterized for operation from –40
°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - AM26LV31EIPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26LV31EIPWR TI-AM26LV31EIPWR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Description similaire - AM26LV31EIPWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com