Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC1G125DCKTE4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
74LVC1G125DCKTE4 Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 19 page www.ti.com FEATURES Seemechanicaldrawingsfordimensions. NC – Nointernalconnection DBVPACKAGE (TOP VIEW) 2 5 3 4 Y 1 A GND OE V CC DCKPACKAGE (TOP VIEW) 3 4 GND 2 A Y 1 OE 5 V CC DRL PACKAGE (TOP VIEW) 2 A 1 OE 3 4 GND Y 5 V CC YZP PACKAGE (BOTTOMVIEW) 2 A 1 OE GND 4 3 Y 5 V CC DRY PACKAGE (TOP VIEW) A NC OE 6 5 4 2 3 GND Y V CC 1 DESCRIPTION/ORDERING INFORMATION SN74LVC1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT SCES223O – APRIL 1999 – REVISED FEBRUARY 2007 • Available in the Texas Instruments • I off Supports Partial-Power-Down Mode NanoStar™ and NanoFree™ Packages Operation • Supports 5-V V CC Operation • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • Inputs Accept Voltages to 5.5 V • ESD Protection Exceeds JESD 22 • Max t pd of 3.7 ns at 3.3 V – 2000-V Human-Body Model (A114-A) • Low Power Consumption, 10-µA Max I CC – 200-V Machine Model (A115-A) • ±24-mA Output Drive at 3.3 V – 1000-V Charged-Device Model (C101) This bus buffer gate is designed for 1.65-V to 5.5-V VCC operation. The SN74LVC1G125 is a single line driver with a 3-state output. The output is disabled when the output-enable (OE) input is high. NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the package. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. NanoStar, NanoFree are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - 74LVC1G125DCKTE4 |
|
Description similaire - 74LVC1G125DCKTE4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |