Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5255-TP Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce 1N5255-TP
Description  500 mW Zener Diode 2.4 to 75 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5255-TP Fiches technique(HTML) 3 Page - Micro Commercial Components

  1N5255-TP Datasheet HTML 1Page - Micro Commercial Components 1N5255-TP Datasheet HTML 2Page - Micro Commercial Components 1N5255-TP Datasheet HTML 3Page - Micro Commercial Components 1N5255-TP Datasheet HTML 4Page - Micro Commercial Components 1N5255-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
IZ , ZENER CURRENT - mA
VZ , ZENER VOLTAGE - V
Figure 1
Zener Voltage versus Zener Current – Vz =1 thru 16 Volts
1
4
6
7
8
5
9
10
0.01
1
10
mA
VOLTS
20
0.1
11
12
2
3
13
14
15
16
TA=25
IZ , ZEBER CURRENT - mA
VZ , ZENER VOLTAGE - V
Figure 2
Zener Voltage versus Zener Current – Vz =15 thru 30 Volts
15
18
20
21
22
19
23
24
0.01
1
10
mA
VOLTS
20
0.1
25
26
16
17
27
28
29
30
TA=25
MCC
Revision: 7
2009/01/19
1N
1N5221 thru 1N5267
TM
Micro Commercial Components
www.mccsemi.com
3 of 5


Numéro de pièce similaire - 1N5255-TP

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N5255 SURGE-1N5255 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5255 DAYA-1N5255 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Seme LAB
1N5255 SEME-LAB-1N5255 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
EIC discrete Semiconduc...
1N5255 EIC-1N5255 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Semtech Corporation
1N5255 SEMTECH-1N5255 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Description similaire - 1N5255-TP

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com