Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC1T45DBVTG4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74AVC1T45DBVTG4
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC1T45DBVTG4 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AVC1T45DBVTG4 Datasheet HTML 1Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 2Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 3Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 4Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AVC1T45DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
SN74AVC1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES530G – DECEMBER 2003 – REVISED JANUARY 2008
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
VCCO
IOH = –100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
– 0.2
IOH = –3 mA
1.2 V
1.2 V
0.95
IOH = –6 mA
1.4 V
1.4 V
1.05
VOH
VI = VIH
V
IOH = –8 mA
1.65 V
1.65 V
1.2
IOH = –9 mA
2.3 V
2.3 V
1.75
IOH = –12 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.15
IOL = 6 mA
1.4 V
1.4 V
0.35
VOL
VI = VIL
V
IOL = 8 mA
1.65 V
1.65 V
0.45
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
II
DIR
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025
±0.25
±1
µA
A port
0 V
0 to 3.6 V
±0.1
±1
±5
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 to 3.6 V
0 V
±0.1
±1
±5
B port
0 V
3.6 V
±0.5
±2.5
±5
VO = VCCO or GND,
IOZ
µA
VI = VCCI or GND
A port
3.6 V
0 V
±0.5
±2.5
±5
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
VI = VCCI or GND, IO = 0
0 V
3.6 V
–2
µA
3.6 V
0 V
10
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
VI = VCCI or GND, IO = 0
0 V
3.6 V
10
µA
3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
µA
(see Table 1)
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
inputs
A or B
Cio
VO = 3.3 V or GND
3.3 V
3.3 V
6
pF
port
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AVC1T45


Numéro de pièce similaire - SN74AVC1T45DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC1T45DBVTG4 TI-SN74AVC1T45DBVTG4 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC1T45DBVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com