Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G240DCKRE4 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce 74AUP1G240DCKRE4
Description  LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AUP1G240DCKRE4 Fiches technique(HTML) 5 Page - Texas Instruments

  74AUP1G240DCKRE4 Datasheet HTML 1Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 2Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 3Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 4Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 5Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 6Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 7Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 8Page - Texas Instruments 74AUP1G240DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SN74AUP1G240
www.ti.com
SCES627C – MARCH 2005 – REVISED MAY 2010
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
17.1
1.2 V ± 0.1 V
4.4
7.5
10.3
3.5
15.5
1.5 V ± 0.1 V
3.3
5.4
6.9
2.3
10.3
tpd
A
Y
ns
1.8 V ± 0.15 V
2.6
4.4
5.8
1.8
8.3
2.5 V ± 0.2 V
1.9
3.3
4.3
1.3
5.8
3.3 V ± 0.3 V
1.6
2.7
3.6
1
4.7
0.8 V
16.5
1.2 V ± 0.1 V
4.5
8.1
13.4
3
18.6
1.5 V ± 0.1 V
3.8
5.7
8.4
2.8
12.2
ten
OE
Y
ns
1.8 V ± 0.15 V
3.1
4.5
6.3
2.3
9.7
2.5 V ± 0.2 V
2.4
3.2
4.1
1.8
6.6
3.3 V ± 0.3 V
2.1
2.7
3.3
1.5
5.6
0.8 V
9
1.2 V ± 0.1 V
2.6
2.6
4.7
2.2
8.4
1.5 V ± 0.1 V
2
2.8
3.2
1.7
5.9
tdis
OE
Y
ns
1.8 V ± 0.15 V
1.8
2.5
3.1
1.6
5.5
2.5 V ± 0.2 V
1.3
1.9
2.1
1.1
4
3.3 V ± 0.3 V
1.6
2.4
2.9
1.4
4.1
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
19.5
1.2 V ± 0.1 V
5.4
8.6
11.5
4.4
17.3
1.5 V ± 0.1 V
4
6.2
7.7
3
11.3
tpd
A
Y
ns
1.8 V ± 0.15 V
3.3
5.1
6.5
2.4
9.1
2.5 V ± 0.2 V
2.5
3.8
4.9
1.8
6.3
3.3 V ± 0.3 V
2
3.2
4.1
1.5
5.2
0.8 V
18.7
1.2 V ± 0.1 V
5.1
8.9
14.4
3.7
20.9
1.5 V ± 0.1 V
4.3
6.3
9.1
3.3
13.7
ten
OE
Y
ns
1.8 V ± 0.15 V
3.6
5
6.8
2.8
10.9
2.5 V ± 0.2 V
2.8
3.7
4.6
2.2
7.7
3.3 V ± 0.3 V
2.5
3.1
3.7
1.9
6.3
0.8 V
9.7
1.2 V ± 0.1 V
4.1
5.3
6.6
3.9
12.9
1.5 V ± 0.1 V
2.4
3.7
4.6
2.1
9.6
tdis
OE
Y
ns
1.8 V ± 0.15 V
2.7
3.6
3.9
2.4
10.1
2.5 V ± 0.2 V
1.7
2.5
2.8
1.5
7.3
3.3 V ± 0.3 V
2.5
3.2
3.8
2.2
9.1
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1G240


Numéro de pièce similaire - 74AUP1G240DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP1G240GF PHILIPS-74AUP1G240GF Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240GF NXP-74AUP1G240GF Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
More results

Description similaire - 74AUP1G240DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI1-SN74LVC1G240_16 Datasheet
1Mb / 22P
[Old version datasheet]   Single Buffer/Driver With 3-State Output
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com