Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G34DBVRE4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74AUP1G34DBVRE4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 22 page SN74AUP1G34 www.ti.com SCES603G – AUGUST 2004 – REVISED MARCH 2010 ELECTRICAL CHARACTERISTICS over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C TA = –40°C to 85°C PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX IOH = –20 µA 0.8 V to 3.6 V VCC – 0.1 VCC – 0.1 IOH = –1.1 mA 1.1 V 0.75 × VCC 0.7 × VCC IOH = –1.7 mA 1.4 V 1.11 1.03 IOH = –1.9 mA 1.65 V 1.32 1.3 VOH V IOH = –2.3 mA 2.3 V 2.05 1.97 IOH = –3.1 mA 1.9 1.85 IOH = –2.7 mA 3 V 2.72 2.67 IOH = –4 mA 2.6 2.55 IOL = 20 µA 0.8 V to 3.6 V 0.1 0.1 IOL = 1.1 mA 1.1 V 0.3 × VCC 0.3 × VCC IOL = 1.7 mA 1.4 V 0.31 0.37 IOL = 1.9 mA 1.65 V 0.31 0.35 VOL V IOL = 2.3 mA 0.31 0.33 2.3 V IOL = 3.1 mA 0.44 0.45 IOL = 2.7 mA 0.31 0.33 3 V IOL = 4 mA 0.44 0.45 II A input VI = GND to 3.6 V 0 V to 3.6 V 0.1 0.5 mA VI or VO = 0 V to Ioff 0 V 0.2 0.6 mA 3.6 V VI or VO = 0 V to ΔIoff 0 V to 0.2 V 0.2 0.6 mA 3.6 V VI = GND or ICC IO = 0 0.8 V to 3.6 V 0.5 0.9 mA (VCC to 3.6 V) ΔICC VI = VCC – 0.6 V IO = 0 3.3 V 40 50 mA 0 V 1.5 Ci VI = VCC or GND pF 3.6 V 1.5 Co VO = GND 0 V 2.5 pF SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4) TA = 25°C TA = –40°C to 85°C FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 0.8 V 1.8 14.5 27.4 1.2 V ± 0.1 V 3 5.6 11.2 0.4 13.9 1.5 V ± 0.1 V 2.5 4 7.2 0.7 9.2 tpd A Y ns 1.8 V ± 0.15 V 2.2 3.2 6 0.8 7.3 2.5 V ± 0.2 V 1.8 2.4 3.9 0.6 5.1 3.3 V ± 0.3 V 1.4 2 3.2 0.6 4.1 Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): SN74AUP1G34 |
Numéro de pièce similaire - SN74AUP1G34DBVRE4 |
|
Description similaire - SN74AUP1G34DBVRE4 |