Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ12003TZX-ADJ Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMZ12003TZX-ADJ
Description  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003TZX-ADJ Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LMZ12003TZX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMZ12003
June 10, 2010
3A SIMPLE SWITCHER® Power Module with 20V Maximum
Input Voltage
Easy to use 7 pin package
30109086
TO-PMOD 7 Pin Package
10.16 x 13.77 x 4.57 mm (0.4 x 0.542 x 0.18 in)
θ
JA = 20°C/W, θJC = 1.9°C/W
RoHS Compliant
Electrical Specifications
18W maximum total power output
Up to 3A output current
Input voltage range 4.5V to 20V
Output voltage range 0.8V to 6V
Efficiency up to 92%
Key Features
Integrated shielded inductor
Simple PCB layout
Flexible startup sequencing using external soft-start
capacitor and precision enable
Protection against inrush currents and faults such as input
UVLO and output short circuit
-40°C to 125°C junction temperature range
Single exposed pad and standard pinout for easy
mounting and manufacturing
Fast transient response for FPGAs and ASICs
Low output voltage ripple
Pin-to-pin compatible family:
LMZ14203/2/1 (42V max 3A, 2A, 1A)
LMZ12003/2/1 (20V max 3A, 2A, 1A)
Fully Webench® Power Designer enabled
Applications
Point of load conversions from 5V and 12V input rail
Time critical projects
Space constrained high thermal requirement applications
Negative output voltage applications (See AN-2027)
Performance Benefits
Operates at high ambient temperature with no thermal
derating
High efficiency reduces system heat generation
Low radiated emissions (EMI) complies with EN55022
class B standard
Passes 10V/m radiated immunity EMI test standard
EN61000 4-3
System Performance
Efficiency V
IN = 12V VOUT = 5.0V
30109018
Thermal derating curve
V
IN = 12V VOUT = 5.0V
30109019
Radiated Emissions (EN 55022 Class B)
from Evaluation Board
30109050
© 2010 National Semiconductor Corporation
301090
www.national.com


Numéro de pièce similaire - LMZ12003TZX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMZ12003TZX-ADJ NSC-LMZ12003TZX-ADJ Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12003TZX-ADJ/NOPB TI1-LMZ12003TZX-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Description similaire - LMZ12003TZX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com