Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3DV20812 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS3DV20812
Description  2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812 Fiches technique(HTML) 4 Page - Texas Instruments

  TS3DV20812 Datasheet HTML 1Page - Texas Instruments TS3DV20812 Datasheet HTML 2Page - Texas Instruments TS3DV20812 Datasheet HTML 3Page - Texas Instruments TS3DV20812 Datasheet HTML 4Page - Texas Instruments TS3DV20812 Datasheet HTML 5Page - Texas Instruments TS3DV20812 Datasheet HTML 6Page - Texas Instruments TS3DV20812 Datasheet HTML 7Page - Texas Instruments TS3DV20812 Datasheet HTML 8Page - Texas Instruments TS3DV20812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TS3DV20812
SCDS302 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
for high-frequency switching over recommended operating free-air temperature range VDD = 3.3 V ± 0.3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 3.6 V,
VIN = VDD
±1
mA
IIL
SEL
VDD = 3.6 V,
VIN = GND
±1
mA
IOFF
VDD = 06 V,
VO = 0 to 3.6 V ,
VI = 0 , VIN = 0
1
mA
ICC
VDD = 3.6 V,
IIO = 0
Switch ON or OFF
250
500
mA
CIN
SEL
f = 10 MHz ,
VIN = 0
2
2.5
pF
COFF
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
2.5
4
pF
OFF
CON
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
8
pF
ON
rON
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
4
6
Ω
rON(flat)
(3)
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.5
Ω
Δ rON
(4)
VDD = 3.6 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (D0 to Dn) ports to any other port.
ELECTRICAL CHARACTERISTICS
for high-frequency switching over recommended operating free-air temperature range VDD = 2.5 V ± 0.25 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 2.5 V ,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VDD = 2.5 V ,
VIN = VDD
±1
mA
IIL
SEL
VDD = 2.5 V ,
VIN = GND
±1
mA
IOFF
VDD = 06 V,
VO = 0 to 2.5 V ,
VI = 0 , VIN = 0
1
mA
ICC
VDD = 2.5 V ,
IIO = 0
Switch ON or OFF
250
500
mA
CIN
SEL
f = 10 MHz ,
VIN = 0
2
2.5
pF
COFF
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
2.5
4
pF
OFF
CON
3-Port
f = 10 MHz ,
VIN = 0 ,
Output is Open, Switch is
8
pF
ON
rON
VDD = 2.5 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
4
6
Ω
rON(flat)
(3)
VDD = 2.5 V
VI = 1.5 V and VDD,
IO = –40 mA
0.5
Ω
Δ rON
(4)
VDD = 2.5 V
1.5 V
≤ VI ≤ VDD,
IO = –40 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs.
(2)
All typical values are at VDD = 2.5 V (unless otherwise noted), TA = 25°.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (D0 to Dn) ports to any other port.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3DV20812


Numéro de pièce similaire - TS3DV20812

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHH TI-TS3DV20812RHH Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
More results

Description similaire - TS3DV20812

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com