Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40304ADRCT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40304ADRCT
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40304ADRCT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40304ADRCT Datasheet HTML 7Page - Texas Instruments TPS40304ADRCT Datasheet HTML 8Page - Texas Instruments TPS40304ADRCT Datasheet HTML 9Page - Texas Instruments TPS40304ADRCT Datasheet HTML 10Page - Texas Instruments TPS40304ADRCT Datasheet HTML 11Page - Texas Instruments TPS40304ADRCT Datasheet HTML 12Page - Texas Instruments TPS40304ADRCT Datasheet HTML 13Page - Texas Instruments TPS40304ADRCT Datasheet HTML 14Page - Texas Instruments TPS40304ADRCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SS
SS
SS
FB
I
C
t
V
æ
ö
=
´
ç
÷
è
ø
TPS40304A
www.ti.com
SLUSA30 – FEBRUARY 2010
Soft-Start Time
The soft-start time of the TPS40304A is user programmable by selecting a single capacitor. The EN/SS pin
sources 10 µA to charge this capacitor. The actual output ramp-up time is the amount of time that it takes for the
10 µA to charge the capacitor through a 591-mV range. There is some initial lag due to calibration and an offset
(800 mV) from the actual EN/SS pin voltage to the voltage applied to the error amplifier.
The soft-start is done in a closed loop fashion, meaning that the error amplifier controls the output voltage at all
times during the soft start period and the feedback loop is never open as occurs in duty cycle limit soft-start
schemes. The error amplifier has two non-inverting inputs, one connected to the 591-mV reference voltage, and
the other connected to the offset EN/SS pin voltage. The lower of these two voltages is what the error amplifier
controls the FB pin to. As the voltage on the EN/SS pin ramps up past approximately 1.4 V (800 mV offset
voltage plus the 591-mV reference voltage), the 591-mV reference voltage becomes the dominant input and the
converter has reached its final regulation voltage.
The capacitor required for a given soft-start ramp time for the output voltage is given by Equation 1.
where
CSS is the required capacitance on the EN/SS pin (F)
ISS is the soft-start source current (10 µA)
VFB is the feedback reference voltage (591 mV)
tSS is the desired soft-start ramp time (s)
(1)
Oscillator and Frequency Spread Spectrum (FSS)
The oscillator frequency is internally fixed at 600 kHz.
Connecting a resistor with a value of 267 k
Ω ± 10% from BP to EN/SS enables the FSS feature. When enabled,
it spreads the internal oscillator frequency over a minimum 12% window using a 25-kHz modulation frequency
with triangular profile. By modulating the switching frequency, side-bands are created. The emission power of the
fundamental switching frequency and its harmonics is distributed into smaller pieces scattered around many
side-band frequencies. The effect significantly reduces the peak EMI noise and makes it much easier for the
resultant emission spectrum to pass EMI regulations.
Overcurrent Protection
Programmable OCP level at LDRV is from 6 mV to 150 mV at room temperature with 3000 ppm temperature
coefficient to help compensate for changes in the low-side FET channel resistance as temperature increases.
With a scale factor of 2, the actual trip point across the low-side FET is in the range of 12 mV to 300 mV. The
accuracy of the internal current source is ±5%. Overall offset voltage, including the offset voltage of the internal
comparator and the amplifier for scale factor of 2, is limited to ±8 mV.
Maximum clamp voltage at LDRV is 340 mV to avoid turning on the low-side FET during calibration and in a
pre-biased condition. The maximum clamp voltage is fixed and it does not change with temperature. If the
voltage drop across ROCSET reaches the 340 mV maximum clamp voltage during calibration (No ROCSET resistor
included), it disables OCP. Once disabled, there is no low-side or high-side current sensing.
OCP level at HDRV is fixed at 450 mV with 3000 ppm temperature coefficient to help compensate for changes in
the high-side FET channel resistance as temperature increases. OCP at HDRV provides pulse-by-pulse current
limiting.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS40304A


Numéro de pièce similaire - TPS40304ADRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304ADRCT TI-TPS40304ADRCT Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40304ADRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com