Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4F202 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD4F202
Description  FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPD4F202 Fiches technique(HTML) 4 Page - Texas Instruments

  TPD4F202 Datasheet HTML 1Page - Texas Instruments TPD4F202 Datasheet HTML 2Page - Texas Instruments TPD4F202 Datasheet HTML 3Page - Texas Instruments TPD4F202 Datasheet HTML 4Page - Texas Instruments TPD4F202 Datasheet HTML 5Page - Texas Instruments TPD4F202 Datasheet HTML 6Page - Texas Instruments TPD4F202 Datasheet HTML 7Page - Texas Instruments TPD4F202 Datasheet HTML 8Page - Texas Instruments TPD4F202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TPD4F202, TPD6F202
SLLS800 – JUNE 2010
www.ti.com
APPLICATION INFORMATION
Typically, there are multiple EMI filters being utilized in cell phone applications to suppress the EMI interference.
This means the total board area consumed by EMI filters are relatively large. One example of space saving
innovation is to place the EMI filters right under the connectors so that the main PCB space is not utilized. The
YFU packages of the TPDxF202 series offer ultra low-profile package height which enables such innovative
component placement in portable applications. Package under-fill is recommended while using the YFU
packages in flex boards.
For maximum efficiency of filtering and ESD protection, while doing the board layout, care should be taken to
reduce board parasitic from package GND pins to board GND plane. The TPDxF202 devices should be
connected to a ground plane with a micro via adjacent to the device GND pad. If this is not possible, the
connection to the ground plane should be as direct as possible to minimize the inductance. Due to flow-through
pin mapping, the signal pins routing is easily achieved in a single layer.
Figure 1. Board Layout with TPDxF20
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPD4F202, TPD6F202


Numéro de pièce similaire - TPD4F202

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202YFUR TI-TPD4F202YFUR Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F202YFUR TI1-TPD4F202YFUR Datasheet
1,008Kb / 18P
[Old version datasheet]   Four or Six-Channel EMI Filter
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
[Old version datasheet]   Four or Six-Channel EMI Filter
More results

Description similaire - TPD4F202

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
[Old version datasheet]   FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
   Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
   Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
   SIX LINE EMI FILTER WITH ESD PROTECTION
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
[Old version datasheet]   FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
[Old version datasheet]   Four or Six-Channel EMI Filter
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com