Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744242330 Fiches technique(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744242330
Description  COMMON MODE SMD LINE FILTER WE-SLM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744242330 Fiches technique(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744242330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744242330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Kunde / customer :
Artikelnummer / part number :
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
8 ± 1,0
mm
B
4 ± 1,0
mm
C
16 ± 1,0
mm
D
mm
E
mm
F
mm
G
mm
H
mm
I
mm
J
mm
T
mm
a
178 ± 2,0
mm
b
21 ± 0,8
mm
c
13 ± 0,5
mm
d
50 ±1,0
mm
e
20.5
mm
f
18
mm
quantity: 500 pieces
..................................................................................
MST
Version 3
06-02-08
..................................................................................
MST
Version 1
05-07-28
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
I Rollenspezifikation / tape and reel specification:
Freigabe erteilt / general release:
Datum / date
744242330
Rollenspezifikation / Reel specification:
Kunde / customer
..................................................................................
DATUM / DATE : 2006-02-08
Geprüft / checked
STROMKOMP. SMD LINE FILTER WE-SLM
COMMON MODE SMD LINE FILTER WE-SLM
http://www.we-online.com
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Würth Elektronik eiSos GmbH & Co. KG
Unterschrift / signature
Würth Elektronik
............................................................
Kontrolliert / approved
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B
Ø c
a
b
d
e
f
C
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
x
x
x
x
x
x
x
x
x
SEITE 3 VON 3


Numéro de pièce similaire - 744242330

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744242101 WURTH-744242101 Datasheet
103Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242220 WURTH-744242220 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242471 WURTH-744242471 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
More results

Description similaire - 744242330

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744242110 WURTH-744242110 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242220 WURTH-744242220 Datasheet
101Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242510 WURTH-744242510 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242101 WURTH-744242101 Datasheet
103Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744242471 WURTH-744242471 Datasheet
102Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SLM
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744205 WURTH-744205 Datasheet
1Mb / 6P
   WE-SL SMD Common Mode Line Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com