Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM392DR2G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LM392DR2G
Description  Low Power Operational Amplifier and Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM392DR2G Fiches technique(HTML) 3 Page - ON Semiconductor

  LM392DR2G Datasheet HTML 1Page - ON Semiconductor LM392DR2G Datasheet HTML 2Page - ON Semiconductor LM392DR2G Datasheet HTML 3Page - ON Semiconductor LM392DR2G Datasheet HTML 4Page - ON Semiconductor LM392DR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM392
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Both Amplifiers) (V+ = 5 V, TA= 25°C unless otherwise stated)
Parameter
Conditions
TA
LM392
Unit
Min
Typ
Max
Input Offset Voltage
At output switch point, VO = 1.4 V,
Rs = 0 W, V+ = 5 V to 30 V, VCM = 0 to
(V+ − 1.5 V)
25°C
$2
$5
mV
0°C to 70°C
$7
Input Bias Current
IN(+) or IN(−), VCM = 0 V
25°C
50
205
nA
IN(+) or IN(−)
0°C to 70°C
400
Input Offset Current
IN(+) or IN(−)
25°C
$5
$50
nA
0°C to 70°C
$150
Input Common−Mode Voltage
Range
V+ = 30 V
(Note 1)
25°C
0
V+−1.5
V
0°C to 70°C
0
V+−2
Supply Current
No Load
V+ = 30 V
0°C to 70°C
1
2
mA
V+ = 5 V
0.5
1
Amplifier−to−Amplifier Coupling
f = 1 kHz to 20 kHz, Input Referred
25°C
−78
dB
Differential Input Voltage
All VIN w V (or V, If Used )
0°C to 70°C
32
V
ELECTRICAL CHARACTERISTICS (V+ = 5 V, TA= 25°C unless otherwise stated)
Parameter
Conditions
TA
LM392
Unit
Min
Typ
Max
OP AMP ONLY
Large Signal Voltage Gain
V+ = 15 V, Vo Swing = 1 V to 11 V,
RL = 2 kW
25°C
25
100
V/mV
Output Voltage Swing, High (VOH)
RL = 2 kW
25°C
V+−1.7
V
Output Voltage Swing, Low (VOL)
RL = 2 kW
25°C
20
mV
Common−Mode Rejection Ratio
VCM = 0 to V+ − 1.5 V
25°C
65
70
dB
Power Supply Rejection Ratio
25°C
65
100
dB
Output Current Source
VIN(+) = 1 V, VIN(−) = 0 V,
V+ = 15 V, VO = 2 V
25°C
20
40
mA
Output Current Sink
VIN(−) = 1 V, VIN(+) = 0 V,
V+ = 15 V, VO = 2 V
25°C
10
20
mA
VIN(−) = 1 V, VIN(+) = 0 V,
V+ = 15 V, VO = 200 mV
25°C
12
50
mA
Input Offset Voltage Drift
RS = 0 W (0°C to 70°C)
0°C to 70°C
7
mV/°C
Input Offset Current Drift
RS = 0 W (0°C to 70°C)
0°C to 70°C
10
pA/°C
COMPARATOR ONLY
Voltage Gain
RL w 15 kW, V+ = 15 V
25°C
50
200
V/mV
Large Signal Response Time
VIN = TTL Logic Swing, VREF = 1.4 V,
VRL = 5 V, RL = 5.1 kW
25°C
200
ns
Response Time
VRL = 5 V, RL = 5.1 kW
25°C
600
ns
Output Sink Current
VIN(−) = 1 V, VIN(+) = 0 V, VO w 1.5 V
25°C
6
16
mA
Saturation Voltage
VIN(−) w 1 V, VIN(+) = 0, ISINK v 4 mA
25°C
250
400
mV
VIN(−) w 1 V, VIN(+) = 0, ISINK v 4 mA
0°C to 70°C
700
mV
Output Leakage Current
VIN(−) = 0, VIN(+) w 1 V, VO = 5 V
25°C
0.1
nA
VIN(−) = 0, VIN(+) w 1 V, VO = 30 V
25°C
1.0
mA
1. The input common−mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common−mode voltage range is V+ − 1.5 V, but either or both inputs can go to 32 V without damage.


Numéro de pièce similaire - LM392DR2G

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM392DR TI-LM392DR Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392DR TI1-LM392DR Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392DRG4 TI1-LM392DRG4 Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
More results

Description similaire - LM392DR2G

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM392 TI1-LM392_14 Datasheet
897Kb / 14P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
LM392 TI-LM392 Datasheet
286Kb / 10P
[Old version datasheet]   LOW-POWER OPERATIONAL AMPLIFIER AND VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM392 NSC-LM392 Datasheet
98Kb / 6P
   Low Power Operational Amplifier/Voltage Comparator
logo
Texas Instruments
LM392-N TI1-LM392-N_16 Datasheet
866Kb / 14P
[Old version datasheet]   Low Power Operational Amplifier/Voltage Comparator
LM392-N TI1-LM392-N Datasheet
148Kb / 8P
[Old version datasheet]   LM392 Low Power Operational Amplifier/Voltage Comparator
logo
STMicroelectronics
TSM100 STMICROELECTRONICS-TSM100 Datasheet
55Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER AND SINGLE COMPARATOR
logo
Texas Instruments
LM392MX TI1-LM392MX Datasheet
865Kb / 14P
[Old version datasheet]   lm392-N Low Power Operational Amplifier/Voltage Comparator
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
NXP Semiconductors
SA58603 PHILIPS-SA58603 Datasheet
137Kb / 15P
   High precision operational amplifier, comparator, and voltage reference
2002 Nov 13
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com