Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD7C5.0DT5G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce ESD7C5.0DT5G
Description  Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7C5.0DT5G Fiches technique(HTML) 2 Page - ON Semiconductor

  ESD7C5.0DT5G Datasheet HTML 1Page - ON Semiconductor ESD7C5.0DT5G Datasheet HTML 2Page - ON Semiconductor ESD7C5.0DT5G Datasheet HTML 3Page - ON Semiconductor ESD7C5.0DT5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESD7C3.3DT5G SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Max. Capacitance @VR = 0 and f = 1 MHz
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni-Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.1 V Max. @ IF = 10 mA)
Device
Device
Marking
VRWM (V)
IR (mA) @ VRWM
VBR (V) @ IT
(Note 2)
IT
C (pF)
(Note 3)
C (pF)
(Note 3)
VC
Max
Max
Min
mA
Typ
Max
Per IEC61000-4-2
(Note 4)
ESD7C3.3DT5G
L5
3.3
1.0
5.0
1.0
12
13
Figures 1 and 2
See Below
(Note 5)
ESD7C5.0DT5G
L4
5.0
0.5
11
1.0
6.0
6.2
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
3. Capacitance of one diode at f = 1 MHz, VR = 0 V, TA = 25°C.
4. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
5. ESD7C5.0DT5G shown below. Other voltages available upon request.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000-4-2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000-4-2


Numéro de pièce similaire - ESD7C5.0DT5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD7C5.0DT5G ONSEMI-ESD7C5.0DT5G Datasheet
110Kb / 4P
   Transient Voltage Suppressors
March, 2012 ??Rev. 3
More results

Description similaire - ESD7C5.0DT5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
   Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD5484FCT5G ONSEMI-ESD5484FCT5G_13 Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
March, 2013 ??Rev. 2
ESD9B3.3ST5G ONSEMI-ESD9B3.3ST5G Datasheet
132Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
September, 2008 ??Rev. 0
ESD5Z2.5T1 ONSEMI-ESD5Z2.5T1_06 Datasheet
111Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
October, 2006 ??Rev. 5
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD11N5.0ST5G ONSEMI-ESD11N5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
   ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
logo
Shanghai Shunye Electro...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
ON Semiconductor
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
116Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 2
ESD5481MUT5G ONSEMI-ESD5481MUT5G Datasheet
109Kb / 4P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com