Moteur de recherche de fiches techniques de composants électroniques |
|
ST7FMC2M9B3 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
ST7FMC2M9B3 Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 309 page ST7MC1xx/ST7MC2xx 6/309 2 PIN DESCRIPTION Figure 2. 80-Pin LQFP 14x14 Package Pinout 2 1 3 4 5 6 7 8 10 9 12 14 16 18 20 11 15 13 17 19 57 58 56 55 54 53 52 51 49 50 47 45 43 41 48 44 46 42 60 59 PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / AIN12 PD1 (HS) / OCMP1_A PF0 / MCDEM / AIN8 VDD_0 VSS_0 VSSA PD0 / OCMP2_A / AIN11 PH3 PH2 PH1 PF4 (HS) PF1 / MCZEM / AIN9 PG1 PG2 PG3 OSC1 AIN2 / PA7 VDD_1 PG0 OSC2 PWM3 / PA0 PWM2 / (HS) PA1 PWM1 / PA2 AIN0 / PWM0 / PA3 ARTCLK / (HS) PA4 AIN1 / ARTIC1 / PA5 ARTIC2 / PA6 (HS) MCO3 (HS) MCO4 (HS) MCO5 RESET PF3 (HS) / BEEP PF5 (HS) PH0 VAREF PC7 / MCPWMW / AIN7 PF2 / MCO / AIN10 VSS_1 ei0 ei2 ei2 ei1 ei1 (HS) 20mA high sink capability eix associated external interrupt vector MCES * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7FMC2M9B3 |
|
Description similaire - ST7FMC2M9B3 |