Moteur de recherche de fiches techniques de composants électroniques |
|
MC14032BCL Fiches technique(PDF) 6 Page - Motorola, Inc |
|
MC14032BCL Fiches technique(HTML) 6 Page - Motorola, Inc |
6 / 7 page MOTOROLA CMOS LOGIC DATA 133 MC14032B MC14038B OUTLINE DIMENSIONS P SUFFIX PLASTIC DIP PACKAGE CASE 648–08 ISSUE R NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. –A– B F C S H G D J L M 16 PL SEATING 1 8 9 16 K PLANE –T– M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0 10 0 10 S 0.020 0.040 0.51 1.01 _ _ _ _ L SUFFIX CERAMIC DIP PACKAGE CASE 620–10 ISSUE V NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. –A– –B– –T– F E G N K C SEATING PLANE 16 PL D S A M 0.25 (0.010) T 16 PL J S B M 0.25 (0.010) T M L DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.750 0.785 19.05 19.93 B 0.240 0.295 6.10 7.49 C ––– 0.200 ––– 5.08 D 0.015 0.020 0.39 0.50 E 0.050 BSC 1.27 BSC F 0.055 0.065 1.40 1.65 G 0.100 BSC 2.54 BSC H 0.008 0.015 0.21 0.38 K 0.125 0.170 3.18 4.31 L 0.300 BSC 7.62 BSC M 0 15 0 15 N 0.020 0.040 0.51 1.01 _ _ _ _ 16 9 1 8 |
Numéro de pièce similaire - MC14032BCL |
|
Description similaire - MC14032BCL |