Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7PMC2K7B3 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST7PMC2K7B3
Description  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Download  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7PMC2K7B3 Fiches technique(HTML) 5 Page - STMicroelectronics

  ST7PMC2K7B3 Datasheet HTML 1Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 2Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 3Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 4Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 5Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 6Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 7Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 8Page - STMicroelectronics ST7PMC2K7B3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 309 page
background image
ST7MC1xx/ST7MC2xx
5/309
1 INTRODUCTION
The ST7MCx device is member of the ST7 micro-
controller family designed for mid-range applica-
tions with a Motor Control dedicated peripheral.
All devices are based on a common industry-
standard 8-bit core, featuring an enhanced instruc-
tion set and are available with FLASH, ROM or
FASTROM program memory.
Under software control, all devices can be placed
in Wait, Slow, Active-halt or Halt mode, reducing
power consumption when the application is in idle
or stand-by state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
The devices feature an on-chip Debug Module
(DM) to support in-circuit debugging (ICD). For a
description of the DM registers, refer to the ST7
ICC Protocol Reference Manual.
Figure 1. Device Block Diagram
8-BIT CORE
ALU
OSC1
VPP
CONTROL
PROGRAM
(8K - 60K Bytes)
VDD
RESET
PORT D
PD7:0
(8-bits)
TIMER A
10-BIT ADC
PORT A
RAM
(384 - 1536Bytes)
PORT B
MCC/RTC/BEEP1
VAREF
VSSA
PORT E1
TIMER B1
PE5:0
(6-bits)
MTC VOLT INPUT
PA7:0 1)
(8-bits)
PORT F1
PF5:0
(6-bits)
SPI1
PB7:0
(8-bits)
VSS
WATCHDOG
OSC
LVD
OSC2
MEMORY
SCI/LIN
AVD
PWM ART
PORT C
(8-bits)
MOTOR CONTROL
PC7:0
PORT G 1)
PORT H 1)
PG7:0 1)
(8-bits)
PH7:0 1)
(8-bits)
MCES
On some devices only, see Table 1, “ST7MC Device Pin Description,” on page 12
DEBUG MODULE
1


Numéro de pièce similaire - ST7PMC2K7B3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7PMC2M9T6 STMICROELECTRONICS-ST7PMC2M9T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7PMC2R6T6 STMICROELECTRONICS-ST7PMC2R6T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7PMC2R7T6 STMICROELECTRONICS-ST7PMC2R7T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7PMC2S4T6 STMICROELECTRONICS-ST7PMC2S4T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7PMC2S4TC STMICROELECTRONICS-ST7PMC2S4TC Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
More results

Description similaire - ST7PMC2K7B3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com