Moteur de recherche de fiches techniques de composants électroniques |
|
FCA-210-AW2 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
FCA-210-AW2 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 4 page 8 TYPE OF LOAD LIFE (MIN.) CYCLES X 103 28 VDC 115VAC 400Hz Resistive Inductive Motor Lamp 10 8 4 2 10 8 4 2 * 60 Hz LOADS RATED FOR 10,000 OPERATIONS Ratings Are Continuous Duty CONTACT RATING-AMPERES The Series FCA-210 relay is a polarized single-side stable design, where the flux from a permanent magnet provides the armature holding force in the deactivated state, and its flux path is switched and combined with the coil flux in the operated state. This results in appreciably increased contact pressure in both states over that of a spring return nonpolar design. We also manufacture other versions of this relay: FCA-410: 10 AMPERE 4PDT RELAY FCA-610: 10 AMPERE 6 PDT RELAY q HERMETICALLY SEALED q ALL WELDED CONSTRUCTION q BALANCED FORCE q PERMANENT MAGNET DRIVE q CONTACTS: SILVER CADMIUM OXIDE WITH GOLD PLATING q COILS FOR DC, 50 TO 400Hz AND 400Hz AC q WEIGHT 1.6 OUNCES MAX. (45.4 GRAMS) FCA-210 10 AMPERES, DPDT SERIES 100 20 100 100 115/200VAC 30 400 Hz 60Hz * 10 8 4 2 2.5 2.5 2.0 1 FCA-215: 15 AMPERE DPDT RELAY, HAS THE SAME SPECIFICATIONS AS THE FCA-210 EXCEPT IS RATED AT 15 AMPS. AVAILABLE OVERLOAD CURRENT 40 AMPS DC, 60AMPS 400Hz RUPTURE CURRENT 50 AMPS DC, 80 AMPS 400Hz CONTACT MAKE BOUNCE 1 MILLISECOND AT NOMINAL VOLTAGE MAX. CONTACT DROP AT 10 AMPS: INITIAL 0.100 VOLTS. END OF LIFE 0.125 VOLTS Tyco Electronics Mid-Range Military/Aerospace Relays QPL APPROVED Qualified to M IL-R-83536 |
Numéro de pièce similaire - FCA-210-AW2 |
|
Description similaire - FCA-210-AW2 |