Moteur de recherche de fiches techniques de composants électroniques |
|
ST7PMC1M2B3 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
ST7PMC1M2B3 Fiches technique(HTML) 9 Page - STMicroelectronics |
9 / 309 page ST7MC1xx/ST7MC2xx 9/309 PIN DESCRIPTION (Cont’d) Figure 5. 56-Pin SDIP Package Pinouts 52 51 50 49 48 47 46 45 44 43 42 41 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 53 54 55 56 (HS) MCO1 (HS) MCO0 VPP/ICCSEL ICAP1_B / PE3 ICAP2_B / PE2 OCMP1_B / PE1 21 20 17 18 19 MCES (HS) MCO5 (HS) MCO4 (HS) MCO3 (HS) MCO2 40 39 38 37 36 23 22 28 27 24 25 26 35 34 33 32 31 30 29 OSC2 OSC1 Vdd_1 Vss_1 PWM2 / (HS) PA1 AIN0 / PWM0 / PA3 ARTCLK / (HS) PA4 AIN1 / ARTIC1 / PA5 ARTIC2 / PA6 MISO / PB4 AIN3 / MOSI / PB5 SCK / (HS) PB6 AIN4 / SS /(HS) PB7 MCVREF / PB0 MCIA / PB1 MCIB / PB2 MCIC / PB3 PF3 (HS) / BEEP PF1 / MCZEM / AIN9 PF0 / MCDEM / AIN8 RESET VDD_0 VAREF VSSA VSS_0 PC7 / MCPWMW / AIN7 PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / AIN12 PD1 (HS) / OCMP1_A PD0 / OCMP2_A / AIN11 PE0 (HS) / OCMP2_B VDD_2 VSS_2 PD7 (HS) / TDO PD6 (HS) / RDI PD5 / AIN15 / ICCDATA PD4 /EXTCLK_A / AIN14 / ICCCLK OAZ / MCCFI1 / AIN6 PC4 / MCCREF * PC3 / OAN PC2 / OAP PC6 / MCPWMV PC5 / MCPWMU PC1 / MCCFI0/AIN5 PC0(HS) ei0 ei2 ei1 ei1 ei2 (HS) 20mA high sink capability eix associated external interrupt vector * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7PMC1M2B3 |
|
Description similaire - ST7PMC1M2B3 |