Moteur de recherche de fiches techniques de composants électroniques |
|
ST7PMC2N9B6 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
ST7PMC2N9B6 Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 309 page ST7MC1xx/ST7MC2xx 8/309 PIN DESCRIPTION (Cont’d) Figure 4. 32-Pin SDIP Package Pinouts ICCSEL / VPP MCO0 MCO1 MCO2 MCO3 MCO4 MCO5 MCES OSC1 OSC2 AIN0 / PWM0 / PA3 AIN1 / ARTIC1 / PA5 MCVREF / PB0 MCIA / PB1 MCIB / PB2 MCIC / PB3 PD7 (HS) / TDO PD6 (HS) / RDI PD5 / AIN15 / ICCDATA PD4 / EXTCLK_A / AIN14 / ICCCLK PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / MCZEM / AIN12 PD1 (HS) / OCMP1_A / MCPWMV / MCDEM PD0 / OCMP2_A / MCPWMW / AIN11 RESET VDD_0 VSS_0 VAREF PC4 / MCCREF * OAZ / MCCFI1 / AIN6 PC3 / OAN PC2 / OAP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 ei1 ei2 ei0 (HS) 20mA high sink capability eix associated external interrupt vector * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7PMC2N9B6 |
|
Description similaire - ST7PMC2N9B6 |