Moteur de recherche de fiches techniques de composants électroniques |
|
ST7PMC2N9B6 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
ST7PMC2N9B6 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 309 page ST7MC1xx/ST7MC2xx 7/309 PIN DESCRIPTION (Cont’d) Figure 3. 64-Pin LQFP 14x14 Package Pinout 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 ei2 ei0 ei1 VSS_1 VDD_1 OSC1 OSC2 PWM3 / PA0 PWM2 / (HS) PA1 PWM1 / PA2 AIN0 / PWM0 / PA3 ARTCLK / (HS) PA4 AIN1 / ARTIC1 / PA5 ARTIC2 / PA6 AIN2 / PA7 (HS) MCO3 (HS) MCO4 (HS) MCO5 MCES PF5 (HS) PF4 (HS) PF3 (HS) / BEEP PF2 / MCO / AIN10 PF1 / MCZEM / AIN9 PF0 / MCDEM / AIN8 RESET VDD_0 VAREF VSSA VSS_0 PC7 / MCPWMW / AIN7 PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / AIN12 PD1 (HS) / OCMP1_A PD0 / OCMP2_A / AIN11 (HS) 20mA high sink capability eix associated external interrupt vector ei1 * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7PMC2N9B6 |
|
Description similaire - ST7PMC2N9B6 |