Moteur de recherche de fiches techniques de composants électroniques |
|
ST7PMC2R4B6 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
ST7PMC2R4B6 Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 309 page ST7MC1xx/ST7MC2xx 10/309 PIN DESCRIPTION (Cont’d) Figure 6. 44-Pin LQFP Package Pinouts 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 ei2 ei0 ei1 VSS_1 OSC1 OSC2 AIN0 / PWM0 / PA3 AIN1 / ARTIC1 / PA5 MCVREF / PB0 (HS) MCO3 (HS) MCO4 (HS) MCO5 MCES PD0 / OCMP2_A / AIN11 RESET VDD_0 VAREF VSSA VSS_0 PC7 / MCPWMW / AIN7 PD4 /EXTCLK_A / AIN14 / ICCCLK PD3 / ICAP1_A / AIN13 PD2 / ICAP2_A / MCZEM / AIN12 PD1 (HS) / OCMP1_A / MCPWMV/MCDEM eix associated external interrupt vector (HS) 20mA high sink capability VDD_1 * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O 1 |
Numéro de pièce similaire - ST7PMC2R4B6 |
|
Description similaire - ST7PMC2R4B6 |