Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT130049ZWI-GT3 Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce CAT130049ZWI-GT3
Description  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT130049ZWI-GT3 Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button CAT130049ZWI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT130049ZWI-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT130xx
Doc. No. MD-1121 Rev. B
8
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
Erase/Write Enable and Disable
The CAT130xx powers up in the write disable state.
Any writing after power-up or after an EWDS (write
disable) instruction must first be preceded by the
EWEN (write enable) instruction. Once the write
instruction is enabled, it will remain enabled until power
to the device is removed, or the EWDS instruction is
sent. The EWDS instruction can be used to disable all
CAT130xx write and erase instructions, and will prevent
any accidental writing or clearing of the device. Data
can be read normally from the device regardless of the
write enable/disable status. The EWEN and EWDS
instructions timing is shown in Figure 5.
Write
After receiving a WRITE command (Figure 6), address
and the data, the CS (Chip Select) pin must be
deselected for a minimum of tCSMIN. The falling edge of
CS will start the self clocking for auto-clear and data
store cycles on the memory location specified in the
instruction. The clocking of the SK pin is not
necessary after the device has entered the self
clocking
mode.
The
ready/busy
status
of
the
CAT130xx can be determined by selecting the device
and polling the DO pin. Since this device features
Auto-Clear before write, it is NOT necessary to erase
a memory location before it is written into.
Figure 5. EWEN/EWDS Instruction Timing
Figure 6. Write Instruction Timing
CS
DI
STANDBY
10
0
*
* ENABLE=11
DISABLE=00
SK
SK
CS
DI
DO
tCSMIN
STANDBY
HIGH-Z
HIGH-Z
10
1
AN AN-1
A0
DN
D0
BUSY
READY
STATUS
VERIFY
tSV
tHZ
tEW


Numéro de pièce similaire - CAT130049ZWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT130049ZWI-GT3 CATALYST-CAT130049ZWI-GT3 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
More results

Description similaire - CAT130049ZWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com