Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25080HU2I-T3 Fiches technique(PDF) 2 Page - ON Semiconductor |
|
CAT25080HU2I-T3 Fiches technique(HTML) 2 Page - ON Semiconductor |
2 / 16 page CAT25080, CAT25160 http://onsemi.com 2 Table 1. ABSOLUTE MAXIMUM RATINGS Parameters Ratings Units Operating Temperature −45 to +130 °C Storage Temperature −65 to +150 °C Voltage on any Pin with Respect to Ground (Note 1) −0.5 to VCC + 0.5 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns. Table 2. RELIABILITY CHARACTERISTICS (Note 2) Symbol Parameter Min Units NEND (Note 3) Endurance 1,000,000 Program / Erase Cycles TDR Data Retention 100 Years 2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100 and JEDEC test methods. 3. Page Mode, VCC = 5 V, 25°C. Table 3. D.C. OPERATING CHARACTERISTICS (VCC = +1.8 V to +5.5 V, TA = −40°C to +125°C unless otherwise specified.) Symbol Parameter Test Conditions Min Max Units ICC Supply Current Read, Write, VCC = 5.0 V, SO open 10 MHz / −40°C to 85°C 2 mA 5 MHz / −40°C to 125°C 2 mA ISB1 Standby Current VIN = GND or VCC, CS = VCC, WP = VCC, VCC = 5.0 V 2 mA ISB2 Standby Current VIN = GND or VCC, CS = VCC, WP = GND, VCC = 5.0 V TA = −40°C to +85°C 4 mA TA = −40°C to +125°C 5 mA IL Input Leakage Current VIN = GND or VCC −2 2 mA ILO Output Leakage Current CS = VCC, VOUT = GND or VCC TA = −40°C to +85°C −1 1 mA TA = −40°C to +125°C −1 2 mA VIL Input Low Voltage −0.5 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC + 0.5 V VOL1 Output Low Voltage VCC > 2.5 V, IOL = 3.0 mA 0.4 V VOH1 Output High Voltage VCC > 2.5 V, IOH = −1.6 mA VCC − 0.8 V V VOL2 Output Low Voltage VCC > 1.8 V, IOL = 150 mA 0.2 V VOH2 Output High Voltage VCC > 1.8 V, IOH = −100 mA VCC − 0.2 V V Table 4. PIN CAPACITANCE (Note 2) (TA = 25°C, f = 1.0 MHz, VCC = +5.0 V) Symbol Test Conditions Min Typ Max Units COUT Output Capacitance (SO) VOUT = 0 V 8 pF CIN Input Capacitance (CS, SCK, SI, WP, HOLD) VIN = 0 V 8 pF |
Numéro de pièce similaire - CAT25080HU2I-T3 |
|
Description similaire - CAT25080HU2I-T3 |