Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25320HU3I-GT3 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CAT25320HU3I-GT3
Description  32-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25320HU3I-GT3 Fiches technique(HTML) 3 Page - ON Semiconductor

  CAT25320HU3I-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25320HU3I-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT25320
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (TA = −40°C to +85°C (Industrial) and TA = −40°C to +125°C (Extended).) (Notes 4, 7)
Symbol
Parameter
VCC = 1.8 V − 5.5 V / −405C to +855C
VCC = 2.5 V − 5.5 V / −405C to +1255C
VCC = 2.5 V − 5.5 V
−405C to +855C
Units
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
40
20
ns
tH
Data Hold Time
40
20
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 5)
Input Rise Time
2
2
ms
tFI (Note 5)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
50
20
ns
tCSS
CS Setup Time
20
15
ns
tCSH
CS Hold Time
30
20
ns
tCNS
CS Inactive Setup Time
50
15
ns
tCNH
CS Inactive Hold Time
50
15
ns
tWPS
WP Setup Time
10
10
ns
tWPH
WP Hold Time
100
60
ns
tWC (Note 6)
Write Cycle Time
5
5
ms
4. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 50 pF
5. This parameter is tested initially and after a design or process change that affects the parameter.
6. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
7. All Chip Select (CS) timing parameters are defined relative to the positive clock edge (Figure 2). tCSH timing specification is valid
for die revision C and higher. The die revision C is identified by letter “C” or a dedicated marking code on top of the package. For
previous product revision (Rev. B) the tCSH is defined relative to the negative clock edge (please refer to data sheet
Doc. No. MD−1111 Rev. I)
Table 6. POWER−UP TIMING (Notes 5, 8)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
8. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Numéro de pièce similaire - CAT25320HU3I-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25320HU3I-GT3 ONSEMI-CAT25320HU3I-GT3 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
More results

Description similaire - CAT25320HU3I-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25320 ONSEMI-CAT25320_15 Datasheet
132Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 11
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25320 ONSEMI-CAV25320 Datasheet
163Kb / 13P
   32-Kb SPI Serial CMOS EEPROM
October, 2013 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com