Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25128LE-GT3 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CAT25128LE-GT3
Description  128-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128LE-GT3 Fiches technique(HTML) 1 Page - ON Semiconductor

  CAT25128LE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25128LE-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 2
1
Publication Order Number:
CAT25128/D
CAT25128
128-Kb SPI Serial CMOS
EEPROM
Description
The CAT25128 is a 128−Kb Serial CMOS EEPROM device
internally organized as 16Kx8 bits. This features a 64−byte page write
buffer and supports the Serial Peripheral Interface (SPI) protocol. The
device is enabled through a Chip Select (CS) input. In addition, the
required bus signals are clock input (SCK), data input (SI) and data
output (SO) lines. The HOLD input may be used to pause any serial
communication with the CAT25128 device. The device features
software and hardware write protection, including partial as well as
full array protection.
Features
10 MHz SPI Compatible
1.8 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
64−byte Page Write Buffer
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−lead PDIP, SOIC, TSSOP and 8−pad TDFN Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
CAT25128
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
http://onsemi.com
PIN CONFIGURATION
SI
HOLD
VCC
VSS
WP
SO
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
SOIC−8
V SUFFIX
CASE 751BD
TDFN−8
VP2 SUFFIX
CASE 511AK
SCK
PDIP (L), SOIC (V),
TSSOP (Y), TDFN (VP2)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC


Numéro de pièce similaire - CAT25128LE-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128LI.G ONSEMI-CAT25128LI.G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results

Description similaire - CAT25128LE-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com