Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT150161SWI-GT3 Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce CAT150161SWI-GT3
Description  Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT150161SWI-GT3 Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button CAT150161SWI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 12Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 13Page - ON Semiconductor CAT150161SWI-GT3 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CAT15008, CAT15016
Doc. No. MD-1125 Rev. B
10
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
Write Status Register
The Status Register is written by sending a WRSR
instruction according to timing shown in Figure 8. Only
bits 2, 3 and 7 can be written using the WRSR
command.
Write Protection
The Write Protect (WP
¯¯¯) pin can be used to protect the
Block Protect bits BP0 and BP1 against being
inadvertently altered. When WP
¯¯¯ is low and the WPEN
bit is set to “1”, write operations to the Status Register
are inhibited. WP
¯¯¯ going low while CS
¯¯ is still low will
interrupt a write to the status register. If the internal
write cycle has already been initiated, WP
¯¯¯ going low
will have no effect on any write operation to the Status
Register. The WP
¯¯¯ pin function is blocked when the
WPEN bit is set to “0”. The WP
¯¯¯ input timing is shown
in Figure 9.
Figure 8. WRSR Timing
Note: Dashed Line = mode (1, 1) - - - - - -
Figure 9. WP
¯¯¯ Timing
Note: Dashed Line = mode (1, 1) - - - - - -
01
2
3
4
5
6
78
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
0
0
0
0
1
OPCODE
CS
SCK
WP
WP
t WPS
t WPH


Numéro de pièce similaire - CAT150161SWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT150161SWI-GT3 CATALYST-CAT150161SWI-GT3 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results

Description similaire - CAT150161SWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
logo
Catalyst Semiconductor
CAT15002 CATALYST-CAT15002 Datasheet
304Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com