Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14020BCL Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC14020BCL
Description  14-Bit Binary Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14020BCL Fiches technique(HTML) 3 Page - Motorola, Inc

  MC14020BCL Datasheet HTML 1Page - Motorola, Inc MC14020BCL Datasheet HTML 2Page - Motorola, Inc MC14020BCL Datasheet HTML 3Page - Motorola, Inc MC14020BCL Datasheet HTML 4Page - Motorola, Inc MC14020BCL Datasheet HTML 5Page - Motorola, Inc MC14020BCL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
89
MC14020B
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q1
tPHL, tPLH = (1.7 ns/pF) CL + 175 ns
tPHL, tPLH = (0.66 ns/pF) CL + 82 ns
tPHL, tPLH = (0.5 ns/pF) CL + 55 ns
tPLH,
tPHL
5.0
10
15
260
115
80
520
230
160
ns
Clock to Q14
tPHL, tPLH – (1.7 ns/pF) CL + 1735 ns
tPHL, tPLH = (0.66 ns/pF) CL + 772 ns
tPHL, tPLH = (0.5 ns/pF) CL + 535 ns
5.0
10
15
1820
805
560
3900
1725
1200
ns
Propagation Delay Time
Reset to Qn
tPHL = (1.7 ns/pF) CL + 285 ns
tPHL = (0.66 ns/pF) CL + 122 ns
tPHL = (0.5 ns/pF) CL + 90 ns
tPHL
5.0
10
15
370
155
115
740
310
230
ns
Clock Pulse Width
tWH
5.0
10
15
500
165
125
140
55
38
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.0
6.0
8.0
1.0
3.0
4.0
MHz
Clock Rise and Fall Time
tTLH, tTHL
5.0
10
15
No Limit
Reset Pulse Width
tWL
5.0
10
15
3000
550
420
320
120
80
ns
Reset Removal Time
trem
5.0
10
15
130
50
30
65
25
15
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
500
µF
0.01
µF
CERAMIC
PULSE
GENERATOR
VDD
CL
CL
CL
VSS
C
R
Q1
Q4
Qn
ID
VDD
VSS
20 ns
20 ns
CLOCK
90%
50%
10%
50% DUTY CYCLE
PULSE
GENERATOR
VDD
VSS
C
R
Q1
Q4
Qn
CL
CL
CL
20 ns
20 ns
CLOCK
90%
50%
10%
tWH
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q


Numéro de pièce similaire - MC14020BCL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14020BCP ONSEMI-MC14020BCP Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14020BCP ONSEMI-MC14020BCP Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14020BCPG ONSEMI-MC14020BCPG Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
More results

Description similaire - MC14020BCL

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com