Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B-138S Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce B-138S
Description  B-138S 3PST N.O., 60 Amps,115/200 VAC, 300 to 600 Hz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

B-138S Fiches technique(HTML) 1 Page - Tyco Electronics

  B-138S Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Relays
CONTACTOR CONFIGURATION
B-138S 3PST N.O., 60 Amps,
115/200 VAC, 300 to 600 Hz
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
3PST N.O.
Voltage (Nominal)
115/200 VAC, 300 to 600 Hz
Current (Resistive)
60 Amps
Auxiliary Contacts:
Configuration
4-SPDT
Voltage (Nominal)
28 VDC or 200 VAC, 400 Hz
Current
Resistive
5 Amps
Inductive
2 Amps
Lamp
1 Amp
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
28 VDC
Pick-Up Voltage
18 VDC Maximum
Drop-Out Voltage
1 - 9 VDC
Coil Current @ 28 VDC & +25
°C
In-Rush
3 Amps Maximum
Hold
315 mA Maximum
Operating Temperature
-55
°C to +85°C
Life:
Electrical
50,000 Cycles
Weight Maximum
1 Lb. 12 Oz.
Features:
• 3PST N.O. Main Contacts
• Transient Suppression
• 115/200 VAC, 300 to 600 Hz
• 60 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Numéro de pièce similaire - B-138S

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
B-138S TEC-B-138S Datasheet
697Kb / 2P
   HARTMAN Power Switching AC Contactors
More results

Description similaire - B-138S

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
B-429A-1 MACOM-B-429A-1 Datasheet
84Kb / 1P
   B-429A-1 3PST N.O., 300 Amps,115/200 VAC, 400 Hz
BR-301AY MACOM-BR-301AY Datasheet
65Kb / 1P
   BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
BH-201B MACOM-BH-201B Datasheet
49Kb / 1P
   BH-201B 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
BP-353 MACOM-BP-353 Datasheet
58Kb / 1P
   BP-353 3PST N.O., 50 Amps, 115/200 VAC, 400 Hz
BP-494 MACOM-BP-494 Datasheet
58Kb / 1P
   BP-494 3PST N.O., 275 Amps,115/200 VAC, 400 Hz
D-100A MACOM-D-100A Datasheet
52Kb / 1P
   D-100A 3PST N.O., 120 Amps,115/200 VAC, 400 Hz
B-138DL MACOM-B-138DL Datasheet
104Kb / 1P
   B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz
BPE-494 MACOM-BPE-494 Datasheet
74Kb / 1P
   BPE-494 3PST N.O. ELCU, 175 Amps,115/200 VAC, 400 Hz
B-484 MACOM-B-484 Datasheet
102Kb / 1P
   B-484 3PST, Magnetic Latch, 500 Amps,115/200 VAC, 400 Hz
B-451 MACOM-B-451 Datasheet
88Kb / 1P
   B-451 3PST, Magnetic Latch, 175 Amps,115/200 VAC, 400 Hz
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com