Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28F001LA-12TT Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CAT28F001LA-12TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F001LA-12TT Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CAT28F001LA-12TT Datasheet HTML 5Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 6Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 7Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 8Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 9Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 10Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 11Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 12Page - ON Semiconductor CAT28F001LA-12TT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CAT28F001
9
Doc. No. MD-1078, Rev. K
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
WRITE OPERATIONS
The following operations are initiated by observing the
sequence specified in the Write Command Table.
Read Array
The device can be put into a Read Array Mode by
initiating a write cycle with FFH on the data bus. The
device is also in a standard Read Array Mode after the
initial device power up and when comes out of the Deep
Power-Down mode.
Signature Mode
An alternative method for reading device signature (see
Read Operations Signature Mode), is initiated by writing
the code 90H into the command register. A read cycle
from address 0000H with
CE and OE low (and WE high)
will output the device signature.
Catalyst Code = Catalyst Code = 0011 0001 (31H)
A Read cycle from address 0001H retrieves the
binary code for the device on outputs I/O7 to I/O0:
CAT28F001T = 1001 0100 (94H)
CAT28F001B = 1001 0101 (95H)
To terminate the operations, it is necessary to write
another valid command into the register.
STATUS REGISTER
The 28F001 contains an 8-bit Status Register. The
Status Register is polled to check for write or erase
completion or any related errors. The Status Register
may be read at any time by issuing a Read Status
Register (70H) command. All subsequent read opera-
tions output data from the Status Register, until another
valid command is issued. The contents of the Status
Register are latched on the falling edge of
OE or CE ,
whichever occurs last in the read cycle.
OE or CE must
be toggled to VIH before further reads to update the
status register latch.
The Erase Status (SR.5) and Program Status (SR.4) are
set to 1 by the WSM and can only be reset issuing Clear
Status Register (50H) These two bits can be polled for
failures, thus allowing more flexibility to the designer
when using the CAT28F001. Also, VPP Status (SR.3)
when set to 1 must be reset by system software before
any further byte programs or block erases are attempted.
ERASE SETUP/ERASE CONFIRM
Erase is executed one block at a time, initiated by a two
cycle command sequence. The two cycle command
sequence provides added security against accidental
block erasure. During the first write cycle, a Command
20H (Erase Setup) is first written to the Command
Register, followed by the Command D0H (Erase Con-
firm). These commands require both appropriate com-
mand data and an address within Block to be erased.
Also, Block erasure can only occur when VPP= VPPH.
Block preconditioning, erase and verify are all handled
internally by the Write State Machine, invisible to the
system. After receiving the two command erase se-
quence the CAT28F001 automatically outputs Status
Register data when read (Fig.5). The CPU can detect
the completion of the erase event by checking if the
SR.7 of the Status Register is set.
SR.5 will indicate whether the erase was successful. If
an erase error is detected, the Status Register should be
cleared. The device will be in the Status Register Read
Mode until another command is issued.
ERASE SUSPEND/ERASE RESUME
The Erase Suspend Command allows erase sequence
interruption in order to read data from another block of
memory. Once the erase sequence is started, writing
the Erase Suspend command (B0H) to the Command
Register requests that the WSM suspend the erase
sequence at a predetermined point in the erase algo-
rithm. The CAT28F001 continues to output Status Reg-
ister data when read, after the Erase Suspend command
is written to it.
Polling the WSM Status and Erase
Suspend Status bits will determine when the erase
operation has been suspended (both will be set to “1s”).
The device may now be given a Read ARRAY Com-
mand, which allows any locations 'not within the block
being erased' to be read. Also, you can either perform
a Read Status Register or resume the Erase Operation
by sending Erase Resume (D0H), at which time the
WSM will continue with the erase sequence. The Erase
Suspend Status and WSM Status bits of the Status
Register will be cleared.
PROGRAM SETUP/PROGRAM COMMANDS
Programming is executed by a two-write sequence. The
program Setup command (40H) is written to the Com-
mand Register, followed by a second write specifying
the address and data (latched on the rising edge of
WE)
to be programmed. The WSM then takes over, control-
ling the program and verify algorithms internally. After
the two-command program sequence is written to it, the
CAT28F001 automatically outputs Status Register data
when read (see figure 4; Byte Program Flowchart). The
CPU can detect the completion of the program event by
analyzing the WSM Status bit of the Status Register.
Only the Read Status Register Command is valid while
programming is active.


Numéro de pièce similaire - CAT28F001LA-12TT

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28F001LA-12TT CATALYST-CAT28F001LA-12TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Description similaire - CAT28F001LA-12TT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com