Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28F001H-90TT Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce CAT28F001H-90TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F001H-90TT Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button CAT28F001H-90TT Datasheet HTML 3Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 4Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 5Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 6Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 7Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 8Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 9Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 10Page - ON Semiconductor CAT28F001H-90TT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CAT28F001
7
Doc. No. MD-1078, Rev. K
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
ERASE AND PROGRAMMING PERFORMANCE
FUNCTION TABLE(1)
Pins
Mode
RP
RP
RP
RP
RP
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
VPP
I/O
Notes
Read
VIH
VIL
VIL
VIH
XDOUT
Output Disable
VIH
VIL
VIH
VIH
X
High-Z
Standby
VIH
VIH
X
X
X
High-Z
Signature (MFG)
VIH
VIL
VIL
VIH
X
31H
A0 = VIL, A9 = 12V
Signature (Device)
VIH
VIL
VIL
VIH
X
94H-28F001T
A0 = VIH, A9 = 12V
95H-28F001B
Write Cycle
VIH
VIL
VIH
VIL
XDIN
During Write Cycle
Deep Power Down
VIL
XXXX
HIGH-Z
WRITE COMMAND TABLE
Commands are written into the command register in one or two write cycles. Write cycles also internally latch
addresses and data required for programming and erase operations.
First Bus Cycle
Second Bus Cycle
Mode
Operation
Address
DIN
Operation
Address
DIN
DOUT
Read Array/Reset
Write
X
FFH
Program Setup/
Write
AIN
40H
Write
AIN
DIN
Program
10H
Read Status Reg.
Write
X
70H
Read
X
St. Reg. Data
Clear Status Reg.
Write
X
50H
Erase Setup/Erase
Write
Block ad
20H
Write
Block ad
D0H
Confirm
Erase Suspend/
Write
X
B0H
Write
X
D0H
Erase Resume
Read Sig (Mfg)
Write
X
90H
Read
0000H
31H
Read Sig (Dev)
Write
X
90H
Read
0001H
94H-28F001T
95H-28F001B
Note:
(1) Logic Levels: X = Logic ‘Do not care’ (VIH, VIL, VPPL, VPPH)
r
e
t
e
m
a
r
a
P
0
9
-
1
0
0
F
8
22
1
-
1
0
0
F
8
2
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
e
m
i
T
e
s
a
r
E
k
c
o
l
B
t
o
o
B0
1
.
29
.
4
10
1
.
29
.
4
1c
e
S
e
m
i
T
m
a
r
g
o
r
P
k
c
o
l
B
t
o
o
B5
1
.
02
5
.
05
1
.
02
5
.
0c
e
S
e
m
i
T
e
s
a
r
E
k
c
o
l
B
r
e
t
e
m
a
r
a
P0
1
.
26
.
4
10
1
.
26
.
4
1c
e
S
e
m
i
T
m
a
r
g
o
r
P
k
c
o
l
B
r
e
t
e
m
a
r
a
P7
0
.
06
2
.
07
0
.
06
2
.
0c
e
S
e
m
i
T
e
s
a
r
E
k
c
o
l
B
n
i
a
M0
8
.
39
.
0
20
8
.
39
.
0
2c
e
S
e
m
i
T
m
a
r
g
o
r
P
k
c
o
l
B
n
i
a
M0
1
.
24
3
.
70
1
.
24
3
.
7c
e
S
e
m
i
T
e
s
a
r
E
p
i
h
C0
1
.
0
15
60
1
.
0
15
6c
e
S
e
m
i
T
m
a
r
g
o
r
P
p
i
h
C9
3
.
28
3
.
89
3
.
28
3
.
8c
e
S


Numéro de pièce similaire - CAT28F001H-90TT

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28F001H-90TT CATALYST-CAT28F001H-90TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Description similaire - CAT28F001H-90TT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com