Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28LV65WA-15T Fiches technique(PDF) 8 Page - ON Semiconductor |
|
CAT28LV65WA-15T Fiches technique(HTML) 8 Page - ON Semiconductor |
8 / 15 page CAT28LV65 http://onsemi.com 8 DATA Polling DATA polling is provided to indicate the completion of write cycle. Once a byte write or page write cycle is initiated, attempting to read the last byte written will output the complement of that data on I/O7 (I/O0–I/O 6 are indeterminate) until the programming cycle is complete. Upon completion of the self−timed write cycle, all I/O’s will output true data during a read cycle. Toggle Bit In addition to the DATA Polling feature, the device offers an additional method for determining the completion of a write cycle. While a write cycle is in progress, reading data from the device will result in I/O6 toggling between one and zero. However, once the write is complete, I/O6 stops toggling and valid data can be read from the device. Ready/BUSY (RDY/BUSY) The RDY/BUSY pin is an open drain output which indicates device status during programming. It is pulled low during the write cycle and released at the end of programming. Several devices may be OR−tied to the same RDY/BUSY line. Figure 8. DATA Polling ADDRESS I/O7 WE OE CE DIN = X DOUT = X DOUT = X tOEH tOE tWC tOES Figure 9. Toggle Bit WE OE I/O6 CE tOEH tOE tWC tOES (Note 13) (Note 13) 13.Beginning and ending state of I/O6 is indeterminate. |
Numéro de pièce similaire - CAT28LV65WA-15T |
|
Description similaire - CAT28LV65WA-15T |