Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28LV256HE25T Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce CAT28LV256HE25T
Description  256K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV256HE25T Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button CAT28LV256HE25T Datasheet HTML 4Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 5Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 6Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 7Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 8Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 9Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 10Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 11Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT28LV256
9
Doc. No. MD-1071, Rev. E
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
80
ADDRESS:
5555
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
20
ADDRESS:
5555
SOFTWARE DATA
PROTECTION ACTIVATED
(1)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
WRITE DATA:
AA
ADDRESS:
5555
WRITE DATA:
55
ADDRESS:
2AAA
WRITE DATA:
A0
ADDRESS:
5555
(4) Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28LV256 features a software controlled data
protection scheme which, once enabled, requires a data
algorithm to be issued to the device before a write can be
performed. The device is shipped from Catalyst with the
software protection NOT ENABLED (the CAT28LV256
is in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
28LV256 F12
28LV256 F13
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.
HARDWARE DATA PROTECTION
The following hardware data protection features are
incorporated into the CAT28LV256.
(1) VCC sense provides write protection when VCC falls
below 2.0V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 10 ms delay before a write
sequence, after VCC has reached 2.4V min.
(3) Write inhibit is activated by holding any one of OE
low, CE high, or WE high.


Numéro de pièce similaire - CAT28LV256HE25T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV256H13-20T CATALYST-CAT28LV256H13-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-25T CATALYST-CAT28LV256H13-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-30T CATALYST-CAT28LV256H13-30T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-20T CATALYST-CAT28LV256H13A-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-25T CATALYST-CAT28LV256H13A-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Description similaire - CAT28LV256HE25T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C256 CATALYST-CAT28C256_04 Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com