Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28LV64PI-15T Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CAT28LV64PI-15T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64PI-15T Fiches technique(HTML) 4 Page - ON Semiconductor

  CAT28LV64PI-15T Datasheet HTML 1Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 2Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 3Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 4Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 5Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 6Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 7Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 8Page - ON Semiconductor CAT28LV64PI-15T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT28LV64
http://onsemi.com
4
Table 4. CAPACITANCE (TA = 25°C, f = 1.0 MHz)
Symbol
Test
Max
Conditions
Units
CI/O (Note 5)
Input/Output Capacitance
10
VI/O = 0 V
pF
CIN (Note 5)
Input Capacitance
6
VIN = 0 V
pF
5. This parameter is tested initially and after a design or process change that affects the parameter.
Table 5. D.C. OPERATING CHARACTERISTICS (VCC = 3.0 V to 3.6 V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICC
VCC Current (Operating, TTL)
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
8
mA
ISBC (Note 6)
VCC Current (Standby, CMOS)
CE = VIHC, All I/O’s Open
100
mA
ILI
Input Leakage Current
VIN = GND to VCC
−1
1
mA
ILO
Output Leakage Current
VOUT = GND to VCC,
CE = VIH
−5
5
mA
VIH (Note 6)
High Level Input Voltage
2
VCC + 0.3
V
VIL
Low Level Input Voltage
−0.3
0.6
V
VOH
High Level Output Voltage
IOH = −100 mA
2
V
VOL
Low Level Output Voltage
IOL = 1.0 mA
0.3
V
VWI
Write Inhibit Voltage
2
V
6. VIHC = VCC − 0.3 V to VCC + 0.3 V.
Table 6. A.C. CHARACTERISTICS, READ CYCLE (VCC = 3.0 V to 3.6 V, unless otherwise specified.)
Symbol
Parameter
28LV64−15
28LV64−20
28LV64−25
Units
Min
Max
Min
Max
Min
Max
tRC
Read Cycle Time
150
200
250
ns
tCE
CE Access Time
150
200
250
ns
tAA
Address Access Time
150
200
250
ns
tOE
OE Access Time
70
80
100
ns
tLZ (Note 7)
CE Low to Active Output
0
0
0
ns
tOLZ (Note 7)
OE Low to Active Output
0
0
0
ns
tHZ (Notes 7, 8)
CE High to High−Z Output
50
50
55
ns
tOHZ (Notes 7, 8)
OE High to High−Z Output
50
50
55
ns
tOH (Note 7)
Output Hold from Address Change
0
0
0
ns
7. This parameter is tested initially and after a design or process change that affects the parameter.
8. Output floating (High−Z) is defined as the state when the external data line is no longer driven by the output buffer.


Numéro de pièce similaire - CAT28LV64PI-15T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV64PI-15T CATALYST-CAT28LV64PI-15T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Description similaire - CAT28LV64PI-15T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com