Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N137 Fiches technique(PDF) 6 Page - QT Optoelectronics

No de pièce 6N137
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  QT [QT Optoelectronics]
Site Internet  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

6N137 Fiches technique(HTML) 6 Page - QT Optoelectronics

Back Button 6N137 Datasheet HTML 2Page - QT Optoelectronics 6N137 Datasheet HTML 3Page - QT Optoelectronics 6N137 Datasheet HTML 4Page - QT Optoelectronics 6N137 Datasheet HTML 5Page - QT Optoelectronics 6N137 Datasheet HTML 6Page - QT Optoelectronics 6N137 Datasheet HTML 7Page - QT Optoelectronics 6N137 Datasheet HTML 8Page - QT Optoelectronics 6N137 Datasheet HTML 9Page - QT Optoelectronics 6N137 Datasheet HTML 10Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig. 7 Pulse Width Distortion vs. Temperature
TA - Temperature (˚C)
TA - Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
RL = 4 k
!
RL = 1 k
!
RL = 350
!
F
Conditions:
I = 7.5 mA
VCC = 5 V
Fig. 8 Rise and Fall Time vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
L
R = 4 k
!$(tr)
Conditions:
IF = 7.5 mA
VCC = 5 V
RL = 1 k
!$(tr)
RL = 350
!$(tr)
RL = 1 k
!
RL = 4 k
!$$$$ (tf)
RL = 350
!$
Fig. 9 Enable Propagation Delay vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
RL = 4 k
!$(TELH)
RL = 1 k
!$(TELH)
RL = 350
!$(TELH)
RL = 350
!
RL = 1 k
!
RL = 4 k
!
(TEHL)
]
Fig. 10 Switching Time vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
20
40
60
80
100
120
RL = 1 k
!$TPLH
RL = 350
!$TPLH
RL = 4 k
!$TPLH
RL = 1 k
!
RL = 4 k
!
RL = 350
!
TPHL
Fig. 11 High Level Output Current
vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
VCC = 5.5 V
Conditions:
VO = 5.5 V
VE = 2.0 V
IF = 250 µA
]
]
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611


Numéro de pièce similaire - 6N137

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
   Super High Speed Response OPIC Photocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Description similaire - 6N137

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com