Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C65BWI-15T Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce CAT28C65BWI-15T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BWI-15T Fiches technique(HTML) 5 Page - ON Semiconductor

  CAT28C65BWI-15T Datasheet HTML 1Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 2Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 3Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 4Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 5Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 6Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 7Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 8Page - ON Semiconductor CAT28C65BWI-15T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT28C65B
5
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
A.C. CHARACTERISTICS, Read Cycle
VCC = 5V
±10%, unless otherwise specified.
28C65B-90
28C65B-12
28C65B-15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
90
120
150
ns
tCE
CE Access Time
90
120
150
ns
tAA
Address Access Time
90
120
150
ns
tOE
OE Access Time
50
60
70
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(2)
CE High to High-Z Output
50
50
50
ns
tOHZ(1)(2)
OE High to High-Z Output
50
50
50
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns
Figure 1. A.C. Testing Input/Output Waveform(3)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE
Figure 2. A.C. Testing Load Circuit (example)
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.
(3) Input rise and fall times (10% and 90%) < 10 ns.


Numéro de pièce similaire - CAT28C65BWI-15T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C65BWI-15T CATALYST-CAT28C65BWI-15T Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
More results

Description similaire - CAT28C65BWI-15T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com