Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C256G-12T Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce CAT28C256G-12T
Description  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256G-12T Fiches technique(HTML) 2 Page - ON Semiconductor

  CAT28C256G-12T Datasheet HTML 1Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 2Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 3Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 4Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 5Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 6Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 7Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 8Page - ON Semiconductor CAT28C256G-12T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT28C256
http://onsemi.com
2
PIN CONFIGURATION
PLCC Package (N, G)
DIP Package (P, L)
TSOP Package (8 mm X 13.4 mm) (T13, H13)
5
4
7
6
3
2
1
10
9
12
11
8
24
25
22
23
26
27
28
19
20
17
18
21
VCC
WE
A11
A10
CE
I/O7
I/O6
I/O5
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
VSS
5
7
6
10
9
12
11
8
13
14151617181920
4 3 2 1 32 31 30
29
27
28
24
25
22
23
26
21
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
OE
A11
5
4
7
6
3
2
1
10
9
12
11
8
14
13
A9
A8
A13
WE
24
25
22
23
26
27
28
19
20
17
18
21
15
16
A4
A3
A6
A5
A7
A12
A14
VCC
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
(Top Views)
14
13
15
16
I/O4
I/O3
A13
A8
A9
OE
I/O1
I/O2
Figure 1. Block Diagram
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
CONTROL
LOGIC
TIMER
HIGH VOLTAGE
GENERATOR
I/O BUFFERS
32,768 x 8
EEPROM
ARRAY
CE
OE
WE
VCC
A0−A5
A6−A14
WRITE
PROTECTION
COLUMN
DECODER
ROW
DECODER
DATA POLLING
AND
TOGGLE BIT
I/O0−I/O7
64 BYTE PAGE
REGISTER


Numéro de pièce similaire - CAT28C256G-12T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C256G-12T CATALYST-CAT28C256G-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
More results

Description similaire - CAT28C256G-12T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256GI12 ONSEMI-CAT28C256GI12 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com