Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C65BLI15 Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce CAT28C65BLI15
Description  64K-Bit CMOS PARALLEL EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C65BLI15 Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button CAT28C65BLI15 Datasheet HTML 4Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 5Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 6Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 7Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 8Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 9Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 10Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 11Page - ON Semiconductor CAT28C65BLI15 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT28C65B
8
Doc. No. MD-1009, Rev. H
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tAH
tWC
tOEH
tDH
tDS
tOES
tBLC
tCH
tCS
tCW
RDY/BUSY
tRB
HIGH-Z
HIGH-Z
falling edge of
WE or CE, whichever occurs last. Data,
conversely, is latched on the rising edge of
WE or CE,
whichever occurs first. Once initiated, a byte write cycle
automatically erases the addressed byte and the new
data is written within 5 ms.
Page Write
The page write mode of the CAT28C65B (essentially an
extended BYTE WRITE mode) allows from 1 to 32 bytes
of data to be programmed within a single EEPROM write
cycle. This effectively reduces the byte-write time by a
factor of 32.
Following an initial WRITE operation (
WE pulsed low, for
tWP, and then high) the page write mode can begin by
issuing sequential
WE pulses, which load the address
and data bytes into a 32 byte temporary buffer. The page
address where data is to be written, specified by bits A5
to A12, is latched on the last falling edge of WE. Each
byte within the page is defined by address bits A0 to A4
Figure 5. Byte Write Cycle [CE Controlled]
Figure 6. Page Mode Write Cycle
OE
CE
WE
ADDRESS
I/O
tWP
tBLC
BYTE 0
BYTE 1
BYTE 2
BYTE n
BYTE n+1
BYTE n+2
LAST BYTE
tWC


Numéro de pièce similaire - CAT28C65BLI15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C65BLI15 ONSEMI-CAT28C65BLI15 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
More results

Description similaire - CAT28C65BLI15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
28LV64 CATALYST-28LV64 Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com