Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C17AWI-20T Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce CAT28C17AWI-20T
Description  16 kb CMOS Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17AWI-20T Fiches technique(HTML) 5 Page - ON Semiconductor

  CAT28C17AWI-20T Datasheet HTML 1Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 2Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT28C17A
http://onsemi.com
5
Figure 2. A.C. Testing Input/Output Waveform (Note 10)
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
10.Input rise and fall times (10% and 90%) < 10 ns.
Figure 3. A.C. Testing Load Circuit (example)
1.3 V
DEVICE
UNDER
TEST
1N914
3.3 K
OUT
CL = 100 pF
CL INCLUDES JIG CAPACITANCE
Table 7. A.C. CHARACTERISTICS, WRITE CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C17A−20
Units
Min
Max
tWC
Write Cycle Time
10
ms
tAS
Address Setup Time
10
ns
tAH
Address Hold Time
100
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
0
ns
tCW (Note 11)
CE Pulse Time
150
ns
tOES
OE Setup Time
15
ns
tOEH
OE Hold Time
15
ns
tWP (Note 11)
WE Pulse Width
150
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
10
ns
tDL
Data Latch Time
50
ns
tINIT (Note 12)
Write Inhibit Period After Power−up
5
20
ms
tDB
Time to Device Busy
80
ns
11. A write pulse of less than 20 ns duration will not initiate a write cycle.
12.This parameter is tested initially and after a design or process change that affects the parameter.


Numéro de pièce similaire - CAT28C17AWI-20T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT28C17AJ-20T CATALYST-CAT28C17AJ-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJA-20T CATALYST-CAT28C17AJA-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJI-20T CATALYST-CAT28C17AJI-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results

Description similaire - CAT28C17AWI-20T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com