Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24C08 Fiches technique(PDF) 1 Page - ON Semiconductor |
|
CAT24C08 Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 16 page © Semiconductor Components Industries, LLC, 2010 March, 2010 − Rev. 11 1 Publication Order Number: CAT24C01/D CAT24C01, CAT24C02, CAT24C04, CAT24C08, CAT24C16 1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM Description The CAT24C01/02/04/08/16 are 1−Kb, 2−Kb, 4−Kb, 8−Kb and 16−Kb respectively CMOS Serial EEPROM devices organized internally as 8/16/32/64 and 128 pages respectively of 16 bytes each. All devices support both the Standard (100 kHz) as well as Fast (400 kHz) I2C protocol. Data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a Page Write Buffer, and then writing all data to non−volatile memory in one internal write cycle. Data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. External address pins make it possible to address up to eight CAT24C01 or CAT24C02, four CAT24C04, two CAT24C08 and one CAT24C16 device on the same bus. Features • Supports Standard and Fast I2C Protocol • 1.7 V to 5.5 V Supply Voltage Range • 16−Byte Page Write Buffer • Hardware Write Protection for Entire Memory • Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA) • Low power CMOS Technology • 1,000,000 Program/Erase Cycles • 100 Year Data Retention • Industrial and Extended Temperature Range • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant SCL WP CAT24Cxx Figure 1. Functional Symbol VSS SDA VCC A2, A1, A0 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 15 of this data sheet. ORDERING INFORMATION SOIC−8 W SUFFIX CASE 751BD TSOT−23 TB SUFFIX CASE 419AE PDIP−8 L SUFFIX CASE 646AA TSSOP8 Y SUFFIX CASE 948AL MSOP 8 Z SUFFIX CASE 846AD TDFN8 VP2 SUFFIX CASE 511AK VCC WP SDA VSS SCL 1 2 3 5 4 TSOT−23 PIN CONFIGURATIONS (Top Views) SDA SCL WP VCC VSS 1 2 3 4 8 7 6 5 PDIP (L), SOIC (W), TSSOP (Y), MSOP (Z), TDFN (VP2) PIN FUNCTION Pin Name A0, A1, A2 Function Device Address Input SDA Serial Data Input/Output SCL Serial Clock Input WP Write Protect Input VCC Power Supply VSS Ground NC No Connect CAT24C__ 16 / 08 / 04 / 02 / 01 NC /// / NC NC NC NC NC A0 A0 A1 A1 A1 A2 A2 A2 A2 /// / /// / |
Numéro de pièce similaire - CAT24C08 |
|
Description similaire - CAT24C08 |