Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW66GLT3G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BCW66GLT3G
Description  General Purpose Transistor NPN Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW66GLT3G Fiches technique(HTML) 2 Page - ON Semiconductor

  BCW66GLT3G Datasheet HTML 1Page - ON Semiconductor BCW66GLT3G Datasheet HTML 2Page - ON Semiconductor BCW66GLT3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCW66GLT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0)
V(BR)CEO
45
Vdc
Collector−Emitter Breakdown Voltage (IC = 10 mAdc, VEB = 0)
V(BR)CES
75
Vdc
Emitter−Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCE = 45 Vdc, IE = 0)
(VCE = 45 Vdc, IE = 0, TA = 150°C)
ICES
20
20
nAdc
mAdc
Emitter Cutoff Current (VEB = 4.0 Vdc, IC = 0)
IEBO
20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
hFE
50
110
160
60
400
Collector−Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.7
0.3
Vdc
Base −Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
12
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
80
pF
Noise Figure
(VCE = 5.0 Vdc, IC = 0.2 mAdc, RS = 1.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
SWITCHING CHARACTERISTICS
Turn−On Time (IB1 = IB2 = 15 mAdc)
ton
100
ns
Turn−Off Time (IC = 150 mAdc, RL = 150 W)
toff
400
ns
10 ms
100 ms
1 s
Thermal Limit
1 ms
Figure 1. Safe Operating Area
VCE (Vdc)
100
1.0
0.1
0.001
0.1
10
1.0
10
0.01
Single Pulse Test at TA = 25°C


Numéro de pièce similaire - BCW66GLT3G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BCW66GLT3G ONSEMI-BCW66GLT3G Datasheet
88Kb / 4P
   General Purpose Transistor
October, 2016 ??Rev. 6
More results

Description similaire - BCW66GLT3G

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com