Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC808-25LT1G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BC808-25LT1G
Description  General Purpose Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC808-25LT1G Fiches technique(HTML) 2 Page - ON Semiconductor

  BC808-25LT1G Datasheet HTML 1Page - ON Semiconductor BC808-25LT1G Datasheet HTML 2Page - ON Semiconductor BC808-25LT1G Datasheet HTML 3Page - ON Semiconductor BC808-25LT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC808−25LT1G, BC808−40LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mA)
V(BR)CEO
−25
V
Collector−Emitter Breakdown Voltage
(VEB = 0, IC = −10 mA)
V(BR)CES
−30
V
Emitter−Base Breakdown Voltage
(IE = −1.0 mA)
V(BR)EBO
−5.0
V
Collector Cutoff Current
(VCB = −20 V)
(VCB = −20 V, TJ = 150°C)
ICBO
−100
−5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −100 mA, VCE = −1.0 V)
BC808−25
BC808−40
(IC = −500 mA, VCE = −1.0 V)
hFE
160
250
40
400
600
Collector−Emitter Saturation Voltage
(IC = −500 mA, IB = −50 mA)
VCE(sat)
−0.7
V
Base −Emitter On Voltage
(IC = −500 mA, IB = −1.0 V)
VBE(on)
−1.2
V
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −10 V, f = 1.0 MHz)
Cobo
10
−0.7
pF
ORDERING INFORMATION
Device
Specific Marking
Package
Shipping
BC808−25LT1G
5F
SOT−23
(Pb−Free)
3000/Tape & Reel
BC808−40LT1G
5G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Numéro de pièce similaire - BC808-25LT1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BC808-25LT1G ONSEMI-BC808-25LT1G Datasheet
103Kb / 4P
   General Purpose Transistors
October, 2016 ??Rev. 5
BC808-25LT1G ONSEMI-BC808-25LT1G_16 Datasheet
103Kb / 4P
   General Purpose Transistors
October, 2016 ??Rev. 5
More results

Description similaire - BC808-25LT1G

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com