Moteur de recherche de fiches techniques de composants électroniques |
|
CB2518T2R2M Fiches technique(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc |
|
CB2518T2R2M Fiches technique(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc |
7 / 47 page 48 1 wound02_e-01 ■ FEATURES ■ ORDERING CODE ■ EXTERNAL DIMENSIONS/STANDARD QUANTITY ■ AVAILABLE CAPACITANCE RANGE ■ APPLICATIONS *This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification. For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs. Recommended Land Patterns Surface Mounting ・Mounting and soldering con- Mounting and soldering con- ditions should be checked beforehand. ・Applicable soldering process to those products is reflow soldering only. ・Recommended Land Patterns ◦This series corresponds to high electric current compared with LB/ LBC series. Wound Chip Inductors that can be used for small DC/DC converters and are suitable for choke uses. ◦CBMF 1608 Series The best efficiency design is achieved by adopting bottom-surface electrode structure. Wound Chip Inductors that are suitable for module design which needs high electric current like DC/DC converters. ◦DSC/DVC/HDD, LCD, portable telephones, game equipment. Various audio-visual equipment, various communication equipment, etc. WOUND CHIP POWER INDUCTORS (CB SERIES) C B △ 2 0 1 2 T 1 0 0 △ △ △ △ △ ❶ ❷ ❸ ❹ ❺ ❻ ❼ ❽ Type L W T e Standard Quantity [pcs] Paper Tape Embossed Tape CBC3225 3.2±0.2 (0.126±0.008) 2.5±0.2 (0.098±0.008) 2.5±0.2 (0.098±0.008) 0.6±0.3 (0.024±0.012) - 1000 CB2518 CBC2518 2.5±0.2 (0.098±0.008) 1.8±0.2 (0.071±0.008) 1.8±0.2 (0.071±0.008) 0.5±0.2 (0.020±0.008) - 2000 CB2016 CBC2016 2.0±0.2 (0.079±0.008) 1.6±0.2 (0.063±0.008) 1.6±0.2 (0.063±0.008) 0.5±0.2 (0.020±0.008) - 2000 CB2012 CBC2012 2.0±0.2 (0.079±0.008) 1.25±0.2 (0.049±0.008) 1.25±0.2 (0.049±0.008) 0.5±0.2 (0.020±0.008) - 2000 CBL2012 2.0±0.2 (0.079±0.008) 1.25±0.2 (0.049±0.008) 0.9±0.1 (0.035±0.004) 0.5±0.2 (0.020±0.008) 4000 - CBMF1608 1.6±0.2 (0.063±0.2) 0.8±0.2 (0.031±0.008) 0.8±0.2 (0.031±0.008) 0.45±0.15 (0.016±0.006) - 3000 Unit:mm(inch) ❶Type CB Wound chip power inductor ❽Internal code △△△ Standard Products △=Blank space ❼Special code △ Standard products R Low Rdc type ❸External Dimensions 〔mm〕 1608(0603) 1.6×0.8 2012(0805) 2.0×1.25 2016(0806) 2.0×1.6 2518(1007) 2.5×1.8 3225(1210) 3.2×2.5 ❺Nominal Inductance〔μH〕 example 1R0 1 100 10 101 100 ※R=decimal point ❷Characteristic Spec △ Low Rdc C High current L Low profile MF Bottom-surface electrode ❻Inductance Tolerances〔%〕 K ±10 M ±20 ❹Packaging T Tape & Reel Unit:mm TYPE A B C 1608 0.55 0.7 1.0 MF1608 0.55 0.8 0.9 2012 0.7 0.8 1.45 2016 0.7 0.8 1.8 2518 0.8 1.2 2.0 3225 1.0 1.6 2.0 A A C B Range Type CB2518 CB2016 CB2012 CBC3225 CBC2518 CBC2016 CBC2012 CBC2012 CBMF1608 1 Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] Imax[mA] Rdc±30%[Ω] 1200 1μH 0.06 600 1μH 0.09 500 1μH 0.15 1440 1μH 0.055 1000 1μH 0.08 1100 1μH 0.1 700 1μH 0.19 620 1μH 0.15 350 1μH 0.09 22 510 0.09 510 0.13 410 0.23 1130 0.08 890 0.13 750 0.2 530 0.33 530 0.33 230 0.17 10 250 2.40 250 0.5 200 0.5 900 0.133 480 0.36 380 0.82 240 1.2 440 1.0 115 0.36 47 110 0.95 110 2.4 90 3.7 390 0.67 240 1.90 150 4.3 120 5.8 100 4.2 50 2.5 100 60 2.1 70 4.5 60 7 270 1.4 160 3.7 110 8 47μH 47μH 47μH 1000 25 24 100μH 100μH 100μH 65 28 100μH 680μH 1000μH REFLOW |
Numéro de pièce similaire - CB2518T2R2M |
|
Description similaire - CB2518T2R2M |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |